Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBLC01QTR Datasheet(PDF) 31 Page - STMicroelectronics

Part # STBLC01QTR
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBLC01QTR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STBLC01QTR Datasheet HTML 27Page - STMicroelectronics STBLC01QTR Datasheet HTML 28Page - STMicroelectronics STBLC01QTR Datasheet HTML 29Page - STMicroelectronics STBLC01QTR Datasheet HTML 30Page - STMicroelectronics STBLC01QTR Datasheet HTML 31Page - STMicroelectronics STBLC01QTR Datasheet HTML 32Page - STMicroelectronics STBLC01QTR Datasheet HTML 33Page - STMicroelectronics STBLC01QTR Datasheet HTML 34Page - STMicroelectronics STBLC01QTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
DocID022984 Rev 2
31/40
STLBC01
Vendor HCI commands
9.2
STLBC_SET_POWER_MODE
9.2.1
Command parameters for STLBC_SET_POWER_MODE
9.2.2
Return parameters for STLBC_SET_POWER_MODE
9.2.3
Returned events for STLBC_SET_POWER_MODE
The following event sequence, depending on the transition, is returned:
1.
From Idle mode to Sleep/Off mode, only the command completed event is returned.
2.
From Sleep/Off mode to Idle mode, a command status is sent after checking the
integrity of the command. Once Idle state has been entered completely an
STBLC_POWER_MODE_IDLE event is returned to the host to report that the action
has been completely done.
9.3
STBLC_SVLD_MEASUREMENT
9.3.1
Command parameters for STBLC_SVLD_MEASUREMENT
Table 19. Command parameters for STLBC_SET_POWER_MODE
Parameter
Size
Description
Power mode
1
0x00 = Idle
0x01 = Sleep
0x02 = Off
0x03-0xFF = reserved
Table 20. Return parameters for STLBC_SET_POWER_MODE
Parameter
Size
Description
Address
1
Standard BT error codes
Table 21. Command parameters for STBLC_SVLD_MEASUREMENT
Parameter
Size
Description
Level
1
0x06 = 2.05 V
0x07 = 2.25 V
0x00-0x05 reserved
0x08-0xFF reserved
Source
1
0x00 = reserved
0x01 = VCC
0x02-0xFF = reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com