Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBLC01QTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STBLC01QTR
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBLC01QTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STBLC01QTR Datasheet HTML 16Page - STMicroelectronics STBLC01QTR Datasheet HTML 17Page - STMicroelectronics STBLC01QTR Datasheet HTML 18Page - STMicroelectronics STBLC01QTR Datasheet HTML 19Page - STMicroelectronics STBLC01QTR Datasheet HTML 20Page - STMicroelectronics STBLC01QTR Datasheet HTML 21Page - STMicroelectronics STBLC01QTR Datasheet HTML 22Page - STMicroelectronics STBLC01QTR Datasheet HTML 23Page - STMicroelectronics STBLC01QTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Functional description
STLBC01
20/40
DocID022984 Rev 2
5.3.6
BLE sleep (only for SPI transport layer)
BLE sleep mode is a special low power mode available only when the SPI transport layer is
used. This mode can be enabled by the HCI command.
The STBLC01 offers two possible configurations for this mode: one employing the Xtal
oscillator and another using the RC oscillator. When the Xtal oscillator is used, the high
precision of the Xtal allows the STBLC01 to act as a master, slave, advertiser or scanner
device. When the STBLC01 is a slave, advertiser or scanner device, the RC oscillator can
be chosen, and the power consumption can be significantly reduced because the Xtreme
power mode is used in that case.
The STBLC01 controls automatically the transitions between BLE Active and this mode; the
host cannot influence them directly.
The use of the RC oscillator can be enabled using the HCI command
STBLC_POWER_MODE_CONFIGURATION.
In this configuration, the RF core is turned off and the HCI system is active and able to
receive any command.
•
If UART has been chosen as transport layer, only the Xtal oscillator can be selected.
•
If the transport layer is SPI, the Xtal oscillator or the RC oscillator can be selected.
5.4
STBLC01 reset structure
The STBLC01 has the following reset sources:
1.
Power On Reset (POR). This occurs after each power-up of the STBLC01. Once the
boot-up procedure described in
Section 5.1 is completed, an
STBLC_POWER_MODE_IDLE event is reported to the host, indicating that the
STBLC01 has entered Idle mode. During POR, the RST pad is pulled to logic 0.
2.
RST pad. The host can reset the STBLC01 by pulling up the RST pin for at least 5 ms.
In this situation the STBLC01 reboots the firmware and an event
STBLC_POWER_MODE_IDLE is sent as soon as the STBLC01 has entered Idle
mode. The RST pad is pulled to logic 0 during POR.
3.
HCI reset. Sending the standard BT command HCI_RESET, the host can reset the
BLE functions of the STBLC01 as described in [
2].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com