Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBLC01QTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STBLC01QTR
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBLC01QTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STBLC01QTR Datasheet HTML 18Page - STMicroelectronics STBLC01QTR Datasheet HTML 19Page - STMicroelectronics STBLC01QTR Datasheet HTML 20Page - STMicroelectronics STBLC01QTR Datasheet HTML 21Page - STMicroelectronics STBLC01QTR Datasheet HTML 22Page - STMicroelectronics STBLC01QTR Datasheet HTML 23Page - STMicroelectronics STBLC01QTR Datasheet HTML 24Page - STMicroelectronics STBLC01QTR Datasheet HTML 25Page - STMicroelectronics STBLC01QTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Host controller interface (HCI)
STLBC01
22/40
DocID022984 Rev 2
In addition to standard commands, a set of HCI proprietary commands for dealing with the
power modes and some parameters linked to RF performance are supported. The complete
list of supported proprietary HCI commands is available in
Section 7.
The STBLC01 supports the two different transport layers for HCI according to the level of
the SEL pin:
1.
SEL = 0: UART interface as defined in [
2], volume 4, part A.
2.
SEL = 1: SPI interface with proprietary flow control.
6.1
HCI UART transport layer
The STBLC01 contains a 2-pin UART compatible for communication protocol with 16450,
16550 and 16750 standards. The baud rate can be set by the host by sending the related
HCI command (refer to
Section 7). The default baud rate is 115.2 kbps.
6.1.1
UART interface
The UART interface is through the following pins:
•
UART_RX: UART receiver line
•
UART_TX: UART transmitting line
6.1.2
UART settings
The HCI UART transport layer uses the following settings for RS232:
•
Baud rate: configurable via HCI
•
The default baud rate is 115.2 kbps. The default value is only set by POR or the RST
pin
•
Number of data bits: 8
•
Parity bit: no parity
•
Start bit: 1 start bit
•
Stop bit: 1 stop bit
•
Flow control: not used
Table 14. HCI event format
Byte #
Parameter
Size
Description
1Packet_ID
1
Packet ID: Packet Identifier
– For HCI Event Packet_ID = 0x04
2
Event_Code
1
Each event is assigned a one-byte event code to uniquely
identify different types of events. Range: 0x00 to 0xFF,
where 0xFF is reserved for Vendor specific events.
3
Parameter_Total_Le
ngth
1
Lengths of all the parameters contained in the given event
packet
Event_Parameter_0
Each event has a specific number of parameters associated
with it. These parameters and the size of each of the
parameters are defined for each event. Each parameter is
an integer number of octets in size.
...
Event_Parameter_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com