Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA720-D01 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # SCA720-D01
Description  SCA720-D01 SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA720-D01 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  SCA720-D01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SCA720-D01
Murata Electronics Oy
5/13
www.muratamems.fi
Doc. nr. 82171500
Rev.A
1.5.
Suppl y voltage
Usage of external 100 nF power supply bypass capacitor is recommended.
ASIC start-up should be tolerant to noise between Vdd and GND. Recommended power-up ramp is
presented below.
Parameter
Min
Max
T1
T0 + 0.1 µs
T2
T0 + 100 µs
V1
−0.3 V
0.5 V
V2
4.5 V
5.5 V
Supply voltage ramp at startup.
Figure 2. VDD Start-up sequence.
T0 T1
T2
supply voltage
V2
t
V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com