Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA720-D01 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # SCA720-D01
Description  SCA720-D01 SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA720-D01 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button SCA720-D01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SCA720-D01
Murata Electronics Oy
10/13
www.muratamems.fi
Doc. nr. 82171500
Rev.A
The self-test generates an electrostatic force, deflecting the sensing element’s proof mass, thus
checking the complete signal path. The true self test performs following checks:
•
Sensing element movement check
•
ASIC signal path check
•
PCB signal path check
•
Micro controller A/D and signal path check
The created deflection can be seen in analogue output. Self test can be activated applying logic”1”
(positive supply voltage level) to ST pin (pin 9) of SCA720. The self test Input high voltage level is
4 – Vdd+0.3 V and input low voltage level is 0.3 – 1 V.
Figure 7. Self test wave forms.
V1 = initial output voltage before the self test function is activated.
V2 = output voltage during the self test function.
V3 = output voltage after the self test function has been de-activated and after stabilization time
Please note that the error band specified for V3 is to guarantee that the output is within 5% of the
initial value after the specified stabilization time. After a longer time (max. 1 second) V1=V3.
T1 = Pulse length for Self test activation
T2 = Saturation delay
T3 = Recovery time
T4 = Stabilization time =T2+T3
T5 = Rise time during self test.
T1 [ms]
T2 [ms]
T3 [ms]
T4 [ms]
T5 [ms]
V2:
V3:
10-100
Typ. 20
Typ. 50
Typ. 70
Typ. 10
Min 0.95*VDD
(4.75V @Vdd=5V)
0.95*V1-
1.05*V1
Self test characteristics.
Vout
5V
0 V
TIME [ MS ]
T1
T2
T3
T4
V1
V2
V3
ST pin
voltage
0 V
5 V
T5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com