Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA720-D01 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # SCA720-D01
Description  SCA720-D01 SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA720-D01 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button SCA720-D01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SCA720-D01
Murata Electronics Oy
8/13
www.muratamems.fi
Doc. nr. 82171500
Rev.A
1.7.
Limiter function
The table below defines the limiter function.
Parameter
Condition
Min
Max
Unit
Limiter cutoff voltage
Low voltage limit
High voltage limit
0.05 × Vdd
0.90 × Vdd
0.10 × Vdd
0.95 × Vdd
V
V
Min output voltage
Limiter enabled, VDD = 5 V
0.25
V
Max output voltage
Limiter enabled, VDD = 5 V
4.75
V
Linear range
Limiter enabled, VDD = 5 V
0.5
4.5
V
0.0
0.1
0.2
0.4
0.3
0.5
0.6
0.7
0.9
0.8
1.0
Min
Max
Acceleration
Output
as
Ratio
to
VDD
Figure 4.
Limiter function.
Limiter function limits the output voltage between specified upper and lower limit. In normal
operation (VDD = 5.0 V), when limiter is enabled, the output voltage is valid between 0.5 V…4.5 V.
Limiting activates between 0.25 V…0.5 V and 4.5 V…4.75 V. Only failures drive output voltage
beyond cutoff voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com