Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA720-D01 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # SCA720-D01
Description  SCA720-D01 SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA720-D01 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  SCA720-D01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SCA720-D01
Murata Electronics Oy
4/13
www.muratamems.fi
Doc. nr. 82171500
Rev.A
1.3.
Offset and sensitivit y calibration
Vout offset is calibrated in 0g position:
(
)
g
V
Offset
out
1
+
=
[V]
Nominal offset is Vdd/2:
2
dd
nom
V
Offset
=
[V]
Sensitivity is calibrated as:
(
)
(
)
g
g
V
g
V
y
Sensitivit
out
out
2
1
1
−
−
+
=
[V/g]
Nominal sensitivity is:
9375
.
0
=
nom
y
Sensitivit
[V/g]
1.4.
Error calculations
Total error is the allowed maximum error, which include partial error sources. Total error over
lifetime is specified as a sum of offset and sensitivity errors:
Error
y
Sensitivit
Error
Offset
Error
Total
_
_
_
+
=
[mg]
Offset error is specified as:
(
)
y
Sensitivit
V
g
Vout
Error
Offset
dd
2
1
_
−
+
=
[mg]
Sensitivity error percent is specified as:
(
)
(
)
[
]
%
100
2
1
1
%
_
×
−
−
−
+
=
nom
nom
y
Sensitivit
y
Sensitivit
g
g
Vout
g
Vout
Error
y
Sensitivit
Sensitivity error is specified as:
(
)
[
]
y
Sensitivit
Error
y
Sensitivit
g
Vout
Vout
Error
y
Sensitivit
%
_
1
_
×
+
−
=
[mg]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com