Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA720-D01 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # SCA720-D01
Description  SCA720-D01 SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA720-D01 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button SCA720-D01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SCA720-D01
Murata Electronics Oy
6/13
www.muratamems.fi
Doc. nr. 82171500
Rev.A
1.6.
Electrical Connection
The following is minimum requirement for electrical interface to the SCA720. If over-voltage or
reverse polarity protection is needed, please contact Murata Electronics Oy for application
information.
Usage of external minimum 100 nF power supply bypass capacitor is recommended. Maximum
rise time of VDD is 100 us.
If self-test (Pin 9) is not used it should be left floating.
Pins 1, 2, 3, 4, 6, 7 and 8 are left floating.
If the self test is used
If the self test is not used
Figure 3.
Electrical connection of SCA720 component.
1
2
3
4
5
6
12
11
10
9
8
7
CLK
C1
NC
MODE
GND
NC
VDD
VOUT
EGND
ST
PGM
NC
SCA720
C1
≥
100 nF
VDD
VOUT
1
2
3
4
5
6
12
11
10
9
8
7
CLK
C1
NC
MODE
GND
NC
VDD
VOUT
EGND
ST
PGM
NC
SCA720
C1
≥
100 nF
VDD
VOUT
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com