Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA720-D01 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SCA720-D01
Description  SCA720-D01 SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA720-D01 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SCA720-D01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SCA720-D01
Murata Electronics Oy
1/12
www.muratamems.fi
Doc.nr. 82171500
Rev.A
Data Sheet
SCA720-D01 SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
The SCA720 accelerometer consists of a silicon bulk micro machined sensing element chip and a signal
conditioning ASIC. The chips are mounted on a pre-molded package and wire bonded to appropriate contacts.
The sensing element and ASIC are protected with silicone gel and lid. The sensor has 12 SMD legs (Gull-wing
type).
Features
•
Single +5 V supply
•
Current consumption 2.5 mA typical
•
Ratiometric output in relation to supply
voltage (Vdd = 4.75 V...5.25 V)
•
Enhanced failure detection features
o
Digitally activated, true self-test by
proof mass deflection using
electrostatic force
o
Memory parity check during power
up, and self-test cycle.
o
Built in connection failure detection
•
Digitally activated, true self-test by proof
mass deflection using electrostatic force
•
Wide load drive capability (max. 20 nF)
•
True DC response
•
Full traceability information in 2D-matrix on
the lid
•
Qualified according to AEC-Q100 standard
Applications
SCA720 product family is targeted to automotive
applications with high stability and reliability
requirements. Automotive target applications are:
•
Electrically Controlled Suspension
•
Engine Anti-Vibration
Figure 1. Functional block diagram.
ASIC
EEPROM for calibration
constants (32 bit, pari ty check
)
Measuremen
t
circuitry
Gain &
filtering
4 programming lines
for factory use only
GND
Vout
Sensing
element
Digital self
test input
5V supply


Similar Part No. - SCA720-D01

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SCA72086 FAIRVIEW-SCA72086 Datasheet
104Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM SMPF/RA-SMA/M FLEXABLE CABLES
REV A
More results

Similar Description - SCA720-D01

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA810-D01 VTI-SCA810-D01 Datasheet
85Kb / 3P
SINGLE AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA820-D03 VTI-SCA820-D03 Datasheet
85Kb / 3P
SINGLE AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA830-D05 VTI-SCA830-D05 Datasheet
85Kb / 3P
SINGLE AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA2120-D07 VTI-SCA2120-D07 Datasheet
129Kb / 4P
2-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Murata Manufacturing Co...
SCA610-E23H1A MURATA-SCA610-E23H1A Datasheet
202Kb / 12P
SCA610-E23H1A SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
SCA610-E28H1A MURATA-SCA610-E28H1A Datasheet
444Kb / 13P
SCA610-E28H1A SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
SCA620-EF1V1B MURATA-SCA620-EF1V1B Datasheet
293Kb / 3P
SCA620-EF1V1B SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
SCA620-EF8H1A MURATA-SCA620-EF8H1A Datasheet
285Kb / 12P
SCA620-EF8H1A SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
SCA630 MURATA-SCA630 Datasheet
261Kb / 14P
SCA630-EDCV1B SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com