Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA720-D01 Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd.

Part # SCA720-D01
Description  SCA720-D01 SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA720-D01 Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd.

Back Button SCA720-D01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
SCA720-D01
Murata Electronics Oy
12/13
www.muratamems.fi
Doc. nr. 82171500
Rev.A
3.2.
Reflow soldering
The SCA720 is suitable for Sn-Pb eutectic and Pb- free soldering process and mounting with
normal SMD pick-and-place equipment. Recommended body temperature profile during reflow
soldering:
Figure 10.
Recommended body temperature profile during reflow soldering. Ref.
IPC/JEDEC J-STD-020D.
Profile feature
Sn-Pb Eutectic
Assembly
Pb-free Assembly
Average ramp-up rate (TL to TP)
3 °C/second max.
3 °C/second max.
Preheat
-
Temperature min (Tsmin)
-
Temperature max (Tsmax)
-
Time (min to max) (ts)
100 °C
150 °C
60-120 seconds
150 °C
200 °C
60-180 seconds
Tsmax to TL
-
Ramp up rate
3°C/second max
Time maintained above:
-
Temperature (TL)
-
Time (tL)
183 °C
60-150 seconds
217 °C
60-150 seconds
Peak temperature (TP)
240 +0/−5 °C
250 +0/−5 °C
Time within 5 °C of actual Peak Temperature
(TP)
10-30 seconds
20-40 seconds
Ramp-down rate
6 °C/second max
6 °C/second max
Time 25 °C to Peak temperature
6 minutes max
8 minutes max
The Moisture Sensitivity Level of the part is 3 according to the IPC/JEDEC J-STD-020D. The
part should be delivered in a dry pack. The manufacturing floor time (out of bag) in the
customer’s end is 168 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com