Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA720-D01 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # SCA720-D01
Description  SCA720-D01 SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA720-D01 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button SCA720-D01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SCA720-D01
Murata Electronics Oy
11/13
www.muratamems.fi
Doc. nr. 82171500
Rev.A
3. Application information
The SCA720 should be powered from a well regulated 5 V DC power supply. Coupling of digital
noise to the power supply line should be minimized. 100nF filtering capacitor between VDD pin 11
and GND plane must be used. If regulator is placed far from component for example other PCB it
is recommend adding more capacitance between VDD and GND to ensure current drive capability
of the system. For example 470 pF and 1uF capacitor can be used.
The SCA720 has a ratiometric output. To get the best performance use the same reference
voltage for both the SCA720 and Analog/Digital converter.
Locate the 100nF power supply filtering capacitor close to VDD pin 11. Use as short a trace length
as possible. Connect the other end of capacitor directly to the ground plane. Connect the GND pin
5 to underlying ground plane. Use as wide ground and power supply planes as possible. Avoid
narrow power supply or GND connection strips on PCB.
3.1.
Housing dimensions and recommended PCB la yout
Figure 8
. Housing dimensions and recommended PCB layout [mm].
Notes:
•
It is important that the part is parallel to the PCB plane and that there is no angular alignment
error from intended measuring direction during assembly process.
•
1°mounting alignment error will increase the cross-axis sensitivity by 1.7%
•
1°mounting alignment error will change the output by 17 mg
•
Wave soldering is not recommended
•
Ultrasonic cleaning is not allowed
•
A supply voltage by-pass capacitor (> 100 nF) is recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com