Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA720-D01 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # SCA720-D01
Description  SCA720-D01 SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA720-D01 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  SCA720-D01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SCA720-D01
Murata Electronics Oy
3/13
www.muratamems.fi
Doc. nr. 82171500
Rev.A
1. Electrical Specifications
1.1.
Absolute Maximum Ratings
Parameter
Value
Units
Acceleration (powered or non-powered)
20 000
(1
g
Supply voltage
−0.3 to +7.0
V
Voltage at input / output pins
−0.3 to VDD + 0.3
V
ESD HBM (Human Body Model)
±
2
kV
ESD CDM (Charged Device Model)
±
500 middle pins
±
750 corner pins
V
Temperature range (storage)
−50 to +125
°C
Temperature range (operating)
−40 to +125
°C
1
Equals to drop from 1 meter on a concrete surface.
1.2.
Performance Characteristics
VDD = 5.00 V and ambient temperature unless otherwise specified.
KPC
A)
Parameter
Condition
Min.
Typ
Max.
Units
Measuring range
Nominal
-1.11
+3.11
g
Supply voltage Vdd
4.75
5.0
5.25
V
<CC>
Current consumption
Vdd = 5 V; No load
2.5
4.0
mA
Operating temperature
−40
+125
°C
Resistive output load
Vout to Vdd or Vss
20
k
Capacitive load
Vout to Vdd or Vss
20
nF
Min. output voltage; Vdd = 5 V
20k from Vout to Vdd
0
0.25
V
Max. output voltage; Vdd = 5 V
20k from Vout to Vss
4.75
5.00
V
Linear output voltage range
Limiter function
enabled
0.5
4.5
V
<CC>
Offset (Output at +1 g)
@ room temperature
Vdd/2
V
<CC>
Sensitivity
@ room temperature
0.1875 ×
Vdd
(≈ 0.9375)
V/g
<SC>
Offset Error (Output at +1 g)
−40 °C...125 °C
-137
0
+137
mg
<SC>
Sensitivity error
−40 °C...125 °C
−3
0
+3
%
Typical non-linearity
Within the measuring
range
−60
+60
mg
Amplitude response −3 dB
B)
68
115
170
Hz
Ratiometric error
Vdd = 4.75 V...5.25 V
−2
+2
%
<SC>
Cross-axis sensitivity
@ room temperature
3.9
%
Output noise
From DC...4 kHz
5
mVrms
Start-up delay
Reset and parity check
10
ms
Self test pull down resistor
(Internal)
44
62
80
k
A)
CC=
Critical Characteristics. Must be 100% monitored during production
SC=
Significant Characteristic. The process capability (Cpk) must be better than 1.33, which allows sample based
testing. If process is not capable the part will be 100% tested
B)
Output has true DC response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com