Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604E Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC5604E
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604E Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC5604E Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
Electrical characteristics
MPC5604E Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
23
3.4
Recommended operating conditions
2 Absolute maximum voltages are currently maximum burn-in voltages. Absolute maximum specifications for device
stress have not yet been determined.
3 MPC5604E’s I/O, flash, and oscillator circuit supplies are interconnected. The ADC supply managed independently
from other supplies.
4 Guaranteed by device validation.
Table 7. Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max1
1 Full functionality cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical characteristics
and I/Os DC electrical specification may not be guaranteed.
Unit
VSS
SR Device ground
—
VSS
VSS
V
VDD_HV_IO
SR 3.3 V input/output supply voltage
—
3.0
3.6
V
VSS_HV_IO
SR Input/output ground voltage
—
0
0
V
VDD_HV_OSC
SR 3.3 V Crystal Oscillator Amplifier Supply
voltage (supply)
The oscillator and flash supply segments
are double-bounded with the VDD_HV_IOx
segments. See VDD_HV_IOx and
VSS_HV_IOx specifications.
—
VSS_HV_OSC
SR 3.3 V Crystal Oscillator Amplifier Supply
voltage (ground)
VDD_HV_ADC0
2
2 MPC5604E’s I/O, flash, and oscillator circuit supplies are interconnected. The ADC supply managed independently
from other supplies.
SR 3.3 V ADC_0 Supply and High Reference
voltage
—3.0
3.6
V
VDD_HV_REG
SR 3.3 V voltage regulator supply voltage
—
3.0
3.6
V
VDD_LV_EXTCOR
SR Externally supplied core voltage
—
1.15
1.32
V
VDD_LV_REGCOR SR Internal supply voltage
—
—
—
V
VSS_LV_REGCOR SR Internal reference voltage
—
0
0
V
VDD_LV_COR
SR Internal supply voltage
—
—
—
V
VSS_LV_COR
SR Internal reference voltage
—
0
0
V
VSS_HV_ADC0
SR Ground and Low Reference voltage
—
0
0
V
TJ
SR Junction temperature under bias
–40
150
°C
TA
SR Ambient temperature under bias
fCPU<64 MHz
–40
125
°C
fCPU<64 MHz
Video use case
with internal
supply
–40
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com