Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604E Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5604E
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604E Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5604E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
Overview
MPC5604E Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
3
1
Overview
This document provides electrical specifications, pin assignments, and package diagrams for the MPC5604E series of
microcontroller units (MCUs).
MPC5604E microcontrollers are members of a new family of next generation microcontrollers built on the Power Architecture.
This document describes the features of the family and options available within the family members, and highlights important
electrical and physical characteristics of the devices.
The MPC5604E microcontroller is a gateway system designed to move data from different sources via Ethernet to a receiving
system and vice versa. The supported data sources and sinks are:
•
Video data (with 8/10/12 bits per data word)
•
Audio data (6
 stereo channels)
•
RADAR data (2
 12 bit with <1s per sample, digitized externally and read in via SPI)
•
Other serial communication interfaces including CAN, LIN, and SPI
The Ethernet module has a bandwidth of 10/100 Mbits/sec and supports precision time stamps (IEEE1588). Unshielded twisted
pair cables are used to transfer data (via Ethernet) in the car, resulting in a significant reduction of wiring costs by providing
inexpensive high bandwidth data links.
1.1
Device summary
Table 1 summarizes the MPC5604E device.
NOTE
The 100-pin package is not a production package. It is used for software development only.
Table 1. Device summary
Feature
MPC5604E
100-pin LQFP1
64-pin LQFP
CPU
e200z0h, 64 MHz, VLE only, no SPE
Flash with ECC
CFlash: 512 KB (LC) DFlash: 64 KB (LC, area optimized)
RAM with ECC
96 KB
DMA
16 channels
PIT
yes
SWT
yes
FCU
yes
Ethernet
100 Mbits MII
100 Mbits MII-Lite
Video Encoder
8bpp/12bpp
Audio Interface
6x Stereo (4x synchronous + 2x synchronous/asynchronous)
ADC (10-bit)
1
4 channels + V
DD_IO + VDDCore + TSens + VGate Current
2
Timer I/O (eTimer)
1
6 channels
SCI (LINFlex)
2
SPI (DSPI)
DSPI_0: 2 chip selects
DSPI_1: 2 chip selects
DSPI_2: 4 chip selects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com