Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604E Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPC5604E
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604E Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC5604E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
Electrical characteristics
MPC5604E Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
43
3.15
Temperature sensor electrical characteristics
3.16
Flash memory electrical characteristics
1 V
DD = 3.3 V to 3.6 V, TA = –40 to +125 °C, unless otherwise specified and analog input voltage from VAGND to VAREF.
2 ADCClk clock is always half of the ADC module input clock defined via the auxiliary clock divider for the ADC.
3 During the sample time the input capacitance CS can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tADC_S. After the
end of the sample time tADC_S, changes of the analog input voltage have no effect on the conversion result. Values
for the sample clock tADC_S depend on programming.
4 This parameter does not include the sample time t
ADC_S, but only the time for determining the digital result and the
time to load the result register with the conversion result.
5 20 MHz ADC clock. Specific prescaler is programmed on MC_PLL_CLK to provide 20 MHz clock to the ADC.
6 See Figure 10.
7 Does not include packaging and bonding capacitances
Table 22. Temperature sensor electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
min
typical
max
—
CC
C Temperature
monitoring range
—
–40
—
150
°C
—
CC
C Sensitivity
—
—
5.14
—
mV/°C
—
CC
C Accuracy
TJ = –40 to 25 °C
–10
—
10
°C
—CC
C
TJ = –25 to 125 °C
–10
—
10
°C
Table 23. Code flash program and erase specifications1
Symbol
Parameter
Min Value
Typical
Value2
(0 Cycles)
Initial
Max3
(100
Cycles)
Max4
(100000
Cycles)
Unit
TDWPRG
Double Word Program5
—
22
50
500
s
TBKPRG
Bank Program (512 KB)5, 6
—
1.45
1.65
33
s
TER8K
Sector Erase (8KB)
—
0.2
0.4
5.0
s
TER16K
Sector Erase (16KB)
—
0.3
0.5
5.0
s
TER32K
Sector Erase (32KB)
—
0.3
0.6
5.0
s
TER64K
Sector Erase (64KB)
—
0.6
0.9
5.0
s
TER128K
Sector Erase (128KB)
—
0.8
1.3
7.5
s
TER512K
Bank Erase (512KB)
—
4.8
7.6
55
s
TPABT
Program Abort Latency
—
—
10
10
s
TEABT
Erase Abort Latency
—
—
30
30
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com