Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604E Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC5604E
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604E Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC5604E Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
MPC5604E Microcontroller Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
26
The thermal characterization parameter is measured per JESD51-2 specification using a 40 gauge type T thermocouple epoxied
to the top center of the package case. The thermocouple should be positioned so that the thermocouple junction rests on the
package. A small amount of epoxy is placed over the thermocouple junction and over about 1 mm of wire extending from the
junction. The thermocouple wire is placed flat against the package case to avoid measurement errors caused by cooling effects
of the thermocouple wire.
References:
Semiconductor Equipment and Materials International
3081 Zanker Road
San Jose, CA 95134
U.S.A.
(408) 943-6900
MIL-SPEC and EIA/JESD (JEDEC) specifications are available from Global Engineering Documents at 800-854-7179 or
303-397-7956.
JEDEC specifications are available on the WEB at http://www.jedec.org.
1. C.E. Triplett and B. Joiner, An Experimental Characterization of a 272 PBGA Within an Automotive Engine Controller
Module, Proceedings of SemiTherm, San Diego, 1998, pp. 47-54.
2. G. Kromann, S. Shidore, and S. Addison, Thermal Modeling of a PBGA for Air-Cooled Applications, Electronic
Packaging and Production, pp. 53-58, March 1998.
3. B. Joiner and V. Adams, Measurement and Simulation of Junction to Board Thermal Resistance and Its Application in
Thermal Modeling, Proceedings of SemiTherm, San Diego, 1999, pp. 212-220.
3.6
Electromagnetic Interference (EMI) characteristics
Table 10. EMI Testing Specifications1
1 EMI testing and I/O port waveforms per standard IEC61967-2.
Symbol
Parameter
Conditions
Clocks
Frequency
Range
Level
(Typ)
Unit
Radiated
emissions
VEME
VDD = 3.3 V
TA =+25 °C
Device
Configuration, test
conditions and EM
testing per standard
IEC61967-2.
Oscillator Frequency = 8
MHz;
System Bus Frequency =
64 MHz;
CPU Freq = 64MHZ
No PLL Frequency
Modulation
150 kHz–50 MHz
2
dB
V
50–150 MHz
14
150–500 MHz
11
500–1000 MHz
7
IEC Level
M
External Oscillator Freq =
8 MHz
System Bus Freq = 64
MHz
CPU Freq = 64MHZ
2% PLL Freq Modulation
150 kHz–50 MHz
1
dB
V
50–150 MHz
11
150–500 MHz
7
500–1000 MHz
1
IEC Level
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com