Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604E Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC5604E
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604E Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC5604E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
Electrical characteristics
MPC5604E Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
47
Medium
Tswitchon
Propagation delay from
vdd/2 of internal signal
to Pchannel / Nchannel
switch on condition
25
1
—
15
ns
50
1
—
15
ns
100
1
—
15
ns
200
1
—
15
ns
tr/tf
Slope at rising/falling
edge
25
2
—
12
ns
50
4
—
25
ns
100
8
—
40
ns
200
14
—
70
ns
Freq
Frequency
of
Operation
25
—
—
40
MHz
50
—
—
20
MHz
100
—
—
13
MHz
200
—
—
7
MHz
Current
Slew
Slew rate at rising edge
of current
25
2.5
—
7
mA/ns
50
2.5
—
7
mA/ns
100
2.5
—
7
mA/ns
200
2.5
—
7
mA/ns
Fast
Tswitchon
Propagation delay from
vdd/2 of internal signal
to Pchannel / Nchannel
switch on condition
25
1
—
6
ns
50
1
—
6
ns
100
1
—
6
ns
200
1
—
6
ns
tr/tf
Slope at rising/falling
edge
25
1
—
4
ns
50
1.5
—
7
ns
100
3
—
12
ns
200
5
—
18
ns
Freq
Frequency
of
Operation
25
—
—
72
MHz
50
—
—
55
MHz
100
—
—
40
MHz
200
—
—
25
MHz
Current
Slew
Slew rate at rising edge
of current
25
3
—
40
mA/ns
50
3
—
40
mA/ns
100
3
—
40
mA/ns
200
3
—
40
mA/ns
Table 26. Pad AC specifications (3.3 V, INVUSRO[PAD3V5V] = 1)
Pad
Symbol
Parameter
Load
drive
(pF)
Rise/Fall1
(ns)
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com