Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604E Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC5604E
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604E Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC5604E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
MPC5604E Microcontroller Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
60
Figure 30. DSPI PCS Strobe (PCSS) timing
3.18.9
Video interface timing
Table 33 details the MPC5604E’s video encoder block’s pixel input clocking requirement.
Figure 31. Video interface timing
Table 33. Input pixel clock characteristics
No.
Parameter
Min
Max
Unit
1
PDI Clock Period
10
—
ns
2
PDI Clock Duty Cycle
50
50
%
3
Input setup time
2
—
ns
4
Input Hold Time
2
—
ns
5
Input Pixel Clock Slew Rate
—
2
ns
PCSx
7
8
PCSS
VCLKIN
3
4
VID_DATA[15:0]
Input Data Valid
VID_LINE_V
VID_FRAME_V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com