Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604E Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC5604E
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604E Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC5604E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
MPC5604E Microcontroller Data Sheet, Rev. 4
Package pinouts and signal descriptions
Freescale Semiconductor
10
2.2.3
Pin muxing
Table 4 defines the pin list and muxing for the MPC5604E devices.
Each row of Table 4 shows all the possible ways of configuring each pin, via “alternate functions”. The default function
assigned to each pin after reset is the ALT0 function.Pins marked as external interrupt capable can also be used to resume from
STOP and HALT mode.
MPC5604E devices provide four main I/O pad types depending of the associated functions:
•
Slow pads are the most common, providing a compromise between transition time and low electromagnetic emission.
•
Medium pads provide fast enough transition for serial communication channels with controlled current to reduce
electromagnetic emission.
•
Fast pads provide maximum speed. They are used for improved Nexus debugging capability.
Medium and Fast pads can be used in slow configuration to reduce the electromagnetic emissions, at the cost of reducing AC
performance.
Table 3. System pins
Symbol
Description
Direction
Pad speed1
1 SRC values refer to the value assigned to the Slew Rate Control bits of the pad configuration register.
Pin
SRC = 0
SRC = 1
64-pin
100-pin2
2 The 100-pin package is not a production package. It is used for software development only.
Dedicated pins
NMI
Non-maskable Interrupt
Input only
Slow
—
1
1
XTAL
Oscillator amplifier output
Output only
—
—
13
20
EXTAL
Input for oscillator amplifier circuit and
internal clock generator
Input only
—
—
14
21
TDI3
3 Additional board pull resistors are recommended when JTAG pins are not being used on the board or application.
JTAG test data input
Input only
Slow
Medium
40
63
TMS3
JTAG state machine control
Input only
Slow
Medium
41
64
TCK3
JTAG clock
Input only
Slow
—
42
65
TDO3
JTAG test data output
Output only
Slow
Medium
43
66
Reset pin
RESET
Bidirectional reset with Schmitt trigger
characteristics and noise filter
Bidirectional
Medium
—
15
22
POR_B
Power-on reset
Input only
—
—
31
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com