Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604E Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC5604E
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604E Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC5604E Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
MPC5604E Microcontroller Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
52
Figure 18. Nexus output timing
Figure 19. Nexus event trigger and test clock timings
8tNTDIS
CC
D TDI data setup time
0.2
—
—
tTCYC
tNTMSS
CC
D TMS data setup time
0.2
—
—
tTCYC
9tNTDIH
CC
D TDI data hold time
0.1
—
—
tTCYC
tNTMSH
CC
D TMS data hold time
0.1
—
—
tTCYC
10
tTDOV
CC
D TCK low to TDO data valid
—
—
25
ns
11
tTDOV
CC
D TCK low to TDO data invalid
0.1
—
—
tTCYC
1 All Nexus timing relative to MCKO is measured from 50% of MCKO and 50% of the respective signal.
2 MDO, MSEO, and EVTO data is held valid until next MCKO low cycle.
Table 28. Nexus debug port timing1 (continued)
No.
Symbol
C
Parameter
Value
Unit
Min
Typ
Max
2 A
4
5
MCKO
MDO
MSEO
EVTO
Output Data Valid
3
2B
TCK
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com