Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604E Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC5604E
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604E Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC5604E Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5604E Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
Electrical characteristics
MPC5604E Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
51
3.18.3
Nexus and JTAG timing
Table 27. RESET electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
VIH
SR P Input High Level CMOS
(Schmitt Trigger)
—
0.65VDD
—VDD+0.4
V
VIL
SR P Input low Level CMOS
(Schmitt Trigger)
—
0.4
—
0.35VDD
V
VHYS
CC C Input hysteresis CMOS
(Schmitt Trigger)
—0.1VDD
——
V
VOL
CC P Output low level
Push Pull, IOL = 3 mA,
—
—
0.1VDD
V
Ttr
CC D Output transition time
output pin3
MEDIUM configuration
3 C
L includes device and package capacitance (CPKG <5pF).
CL = 25 pF,
VDD = 3.3 V ± 10%
—
—
12
ns
CL = 50 pF,
VDD = 3.3 V ± 10%
——
25
CL = 100 pF,
VDD = 3.3 V ± 10%
——
40
WFRST SR P RESET input filtered
pulse
——
—
40
ns
WNFRST SR P RESET input not filtered
pulse
—500
—
—
ns
|IWPU| CC P Weak pull-up current
absolute value
VDD = 3.3 V ± 10%
10
—
150
µA
Table 28. Nexus debug port timing1
No.
Symbol
C
Parameter
Value
Unit
Min
Typ
Max
1tMCYC
CC
D MCKO Cycle Time
2
—
8
tCYC
2A
tMCYCP
CC
D MCKO cycle period
15
—
—
ns
2B
tMDC
CC
D MCKO duty cycle
48
—
52
%
3tMDOV
CC
D MCKO low to MDO data valid2
–0.1
—
0.22
tMCYC
4tMSEOV
CC
D MCKO low to MSEO data valid2
–0.1
—
0.22
tMCYC
5tEVTOV
CC
D MCKO low to EVTO data valid2
–0.1
—
0.22
tMCYC
6tTCYC
CC
D TCK cycle time
50
—
—
ns
7tTDC
CC
D TCK Duty Cycle
40
—
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com