Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 69 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 69 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 65Page - Altera Corporation PLL2_C1 Datasheet HTML 66Page - Altera Corporation PLL2_C1 Datasheet HTML 67Page - Altera Corporation PLL2_C1 Datasheet HTML 68Page - Altera Corporation PLL2_C1 Datasheet HTML 69Page - Altera Corporation PLL2_C1 Datasheet HTML 70Page - Altera Corporation PLL2_C1 Datasheet HTML 71Page - Altera Corporation PLL2_C1 Datasheet HTML 72Page - Altera Corporation PLL2_C1 Datasheet HTML 73Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 274 page
background image
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
5–9
PLLs in the Cyclone III Device Family
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Altera recommends using the clkena signals when switching the clock source to the
PLLs or the GCLK. The recommended sequence is:
1. Disable the primary output clock by deasserting the clkena signal.
2. Switch to the secondary clock using the dynamic select signals of the clock control
block.
3. Allow some clock cycles of the secondary clock to pass before reasserting the
clkena
signal. The exact number of clock cycles you must wait before enabling the
secondary clock is design-dependent. You can build custom logic to ensure glitch-
free transition when switching between different clock sources.
PLLs in the Cyclone III Device Family
The Cyclone III device family offers up to four PLLs that provide robust clock
management and synthesis for device clock management, external system clock
management, and high-speed I/O interfaces.
f For more information about the number of PLLs in each device density, refer to the
Cyclone III Device Family Overview chapter.
The Cyclone III device family PLLs have the same core analog structure.
Table 5–3 lists the features available in the Cyclone III device family PLLs.
Table 5–3. Cyclone III Device Family PLL Hardware Features
Hardware Features
Availability
C (output counters)
5
M, N, C counter sizes
1 to 512 (1)
Dedicated clock outputs
1 single-ended or 1 differential pair
Clock input pins
4 single-ended or 2 differential pairs
Spread-spectrum input clock tracking
v (2)
PLL cascading
Through GCLK
Compensation modes
Source-Synchronous Mode, No Compensation
Mode, Normal Mode, and Zero Delay Buffer Mode
Phase shift resolution
Down to 96-ps increments (3)
Programmable duty cycle
v
Output counter cascading
v
Input clock switchover
v
User mode reconfiguration
v
Loss of lock detection
v
Notes to Table 5–3:
(1) C counters range from 1 through 512 if the output clock uses a 50% duty cycle. For any output clocks using a
non-50% duty cycle, the post-scale counters range from 1 through 256.
(2) Only applicable if the input clock jitter is in the input jitter tolerance specifications.
(3) The smallest phase shift is determined by the voltage-controlled oscillator (VCO) period divided by eight. For
degree increments, the Cyclone III device family can shift all output frequencies in increments of at least 45°.
Smaller degree increments are possible depending on the frequency and divide parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com