Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 87 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 87 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 83Page - Altera Corporation PLL2_C1 Datasheet HTML 84Page - Altera Corporation PLL2_C1 Datasheet HTML 85Page - Altera Corporation PLL2_C1 Datasheet HTML 86Page - Altera Corporation PLL2_C1 Datasheet HTML 87Page - Altera Corporation PLL2_C1 Datasheet HTML 88Page - Altera Corporation PLL2_C1 Datasheet HTML 89Page - Altera Corporation PLL2_C1 Datasheet HTML 90Page - Altera Corporation PLL2_C1 Datasheet HTML 91Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 274 page
background image
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
5–27
PLL Reconfiguration
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 5–20 shows how to adjust PLL counter settings dynamically by shifting their
new settings into a serial shift register chain or scan chain. Serial data shifts to the scan
chain via the scandataport, and shift registers are clocked by scanclk. The maximum
scanclk
frequency is 100 MHz. After shifting the last bit of data, asserting the
configupdate
signal for at least one scanclk clock cycle synchronously updates the
PLL configuration bits with the data in the scan registers.
1 The counter settings are updated synchronously to the clock frequency of the
individual counters. Therefore, not all counters update simultaneously.
To reconfigure the PLL counters, perform the following steps:
1. The scanclkena signal is asserted at least one scanclk cycle prior to shifting in the
first bit of scandata (Dn).
2. Serial data (scandata) is shifted into the scan chain on the second rising edge of
scanclk
.
3. After all 144 bits have been scanned into the scan chain, the scanclkena signal is
deasserted to prevent inadvertent shifting of bits in the scan chain.
4. The configupdate signal is asserted for one scanclk cycle to update the PLL
counters with the contents of the scan chain.
5. The scandone signal goes high indicating that the PLL is being reconfigured. A
falling edge indicates that the PLL counters have been updated with new settings.
6. Reset the PLL using the areset signal if you make any changes to the M, N,
post-scale output C counters, or the ICP , R, C settings.
7. You can repeat steps 1 through 5 to reconfigure the PLL any number of times.
Figure 5–20. PLL Reconfiguration Scan Chain
/C4
/C3
/C2
/C1
/C0
/M
/N
scanclk
scandone
scandata
LF/K/CP
configupdate
inclk
PFD
VCO
FVCO
scanclkena
scandataout
from M counter
from N counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com