Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 91 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 91 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 87Page - Altera Corporation PLL2_C1 Datasheet HTML 88Page - Altera Corporation PLL2_C1 Datasheet HTML 89Page - Altera Corporation PLL2_C1 Datasheet HTML 90Page - Altera Corporation PLL2_C1 Datasheet HTML 91Page - Altera Corporation PLL2_C1 Datasheet HTML 92Page - Altera Corporation PLL2_C1 Datasheet HTML 93Page - Altera Corporation PLL2_C1 Datasheet HTML 94Page - Altera Corporation PLL2_C1 Datasheet HTML 95Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 274 page
background image
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
5–31
PLL Reconfiguration
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Bypassing PLL Counter
Bypassing a PLL counter results in a multiply (M counter) or a divide (N, C0 to C4
counters) factor of one.
Table 5–8 lists the settings for bypassing the counters in Cyclone III device family
PLLs.
To bypass any of the PLL counters, set the bypass bit to 1. The values on the other bits
are then ignored.
Dynamic Phase Shifting
The dynamic phase shifting feature allows the output phase of individual PLL
outputs to be dynamically adjusted relative to each other and the reference clock
without sending serial data through the scan chain of the corresponding PLL. This
feature simplifies the interface and allows you to quickly adjust tCO delays by
changing output clock phase shift in real time. This is achieved by incrementing or
decrementing the VCO phase-tap selection to a given C counter or to the M counter.
The phase is shifted by 1/8 the VCO frequency at a time. The output clocks are active
during this phase reconfiguration process.
Table 5–9 lists the control signals that are used for dynamic phase shifting.
Table 5–7. Loop Filter Control of High Frequency Capacitor
LFC[1]
LFC[0]
Setting (Decimal)
00
0
01
1
11
3
Table 5–8. PLL Counter Settings
PLL Scan Chain Bits [0..8] Settings
Description
LSB
MSB
X
X
X
X
X
X
X
X
1 (1)
PLL counter bypassed
X
X
X
X
X
X
X
X
0 (1)
PLL counter not bypassed
Note to Table 5–8:
(1) Bypass bit.
Table 5–9. Dynamic Phase Shifting Control Signals (Part 1 of 2)
Signal Name
Description
Source
Destination
PHASECOUNTERSELECT[2:0]
Counter Select. Three bits decoded to select
either the M or one of the C counters for
phase adjustment. One address map to select
all C counters. This signal is registered in the
PLL on the rising edge of SCANCLK.
Logic array or I/O
pins
PLL
reconfiguration
circuit
PHASEUPDOWN
Selects dynamic phase shift direction; 1= UP,
0 = DOWN. Signal is registered in the PLL on
the rising edge of SCANCLK.
Logic array or I/O
pins
PLL
reconfiguration
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com