Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 24 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 24 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 20Page - Altera Corporation PLL2_C1 Datasheet HTML 21Page - Altera Corporation PLL2_C1 Datasheet HTML 22Page - Altera Corporation PLL2_C1 Datasheet HTML 23Page - Altera Corporation PLL2_C1 Datasheet HTML 24Page - Altera Corporation PLL2_C1 Datasheet HTML 25Page - Altera Corporation PLL2_C1 Datasheet HTML 26Page - Altera Corporation PLL2_C1 Datasheet HTML 27Page - Altera Corporation PLL2_C1 Datasheet HTML 28Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 274 page
background image
1–12
Chapter 1: Cyclone III Device Family Overview
Reference and Ordering Information
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
Reference and Ordering Information
Figure 1–1 and Figure 1–2 show the ordering codes for Cyclone III and Cyclone III LS
devices.
Figure 1–1. Cyclone III Device Packaging Ordering Information
Family Signature
Package Type
Package Code
Operating Temperature
Speed Grade
Optional Suffix
Indicates specific device
options or shipment method
EP3C : Cyclone III
5
: 5,136 logic elements
10 : 10,320 logic elements
16 : 15,408 logic elements
25 : 24,624 logic elements
25E : 24,624 logic elements
40 : 39,600 logic elements
55 : 55,856 logic elements
80 : 81,264 logic elements
120 : 119,088 logic elements
E
: Plastic Enhanced Quad Flat Pack (EQFP)
Q
: Plastic Quad Flat Pack (PQFP)
F
: FineLine Ball-Grid Array (FBGA)
U
: Ultra FineLine Ball-Grid Array (UBGA)
M
: Micro FineLine Ball-Grid Array (MBGA)
144 : 144 pins
164 : 164 pins
240 : 240 pins
256 : 256 pins
324 : 324 pins
484 : 484 pins
780 : 780 pins
C
: Commercial temperature (TJ = 0° C to 85° C)
I
: Industrial temperature (TJ = -40° C to 100° C)
A
: Automotive temperature (TJ = -40° C to 125° C)
6 (fastest)
7
8
N
: Lead-free packaging
ES : Engineering sample
EP3C
25
F
324
C
7
N
Member Code
Figure 1–2. Cyclone III LS Device Packaging Ordering Information
Family Signature
Package Type
Package Code
Operating Temperature
Speed Grade
Optional Suffix
Indicates specific device
options or shipment method
EP3CLS : Cyclone III LS
70 : 70,208 logic elements
100 : 100,448 logic elements
150 : 150,848 logic elements
200 : 198,464 logic elements
F
: FineLine Ball-Grid Array (FBGA)
U
: Ultra FineLine Ball-Grid Array (UBGA)
484 : 484 pins
780 : 780 pins
C
: Commercial temperature (TJ = 0° C to 85° C)
I
: Industrial temperature (TJ = -40° C to 100° C)
7 (fastest)
8
N
: Lead-free packaging
ES : Engineering sample
EP3CLS
70
F
484
C
7
N
Member Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com