Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 19 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 19 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 15Page - Altera Corporation PLL2_C1 Datasheet HTML 16Page - Altera Corporation PLL2_C1 Datasheet HTML 17Page - Altera Corporation PLL2_C1 Datasheet HTML 18Page - Altera Corporation PLL2_C1 Datasheet HTML 19Page - Altera Corporation PLL2_C1 Datasheet HTML 20Page - Altera Corporation PLL2_C1 Datasheet HTML 21Page - Altera Corporation PLL2_C1 Datasheet HTML 22Page - Altera Corporation PLL2_C1 Datasheet HTML 23Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 274 page
background image
Chapter 1: Cyclone III Device Family Overview
1–7
Cyclone III Device Family Architecture
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Memory Blocks
Each M9K memory block of the Cyclone III device family provides nine Kbits of
on-chip memory capable of operating at up to 315 MHz for Cyclone III devices and up
to 274 MHz for Cyclone III LS devices. The embedded memory structure consists of
M9K memory blocks columns that you can configure as RAM, first-in first-out (FIFO)
buffers, or ROM. The Cyclone III device family memory blocks are optimized for
applications such as high throughout packet processing, embedded processor
program, and embedded data storage.
The Quartus II software allows you to take advantage of the M9K memory blocks by
instantiating memory using a dedicated megafunction wizard or by inferring memory
directly from the VHDL or Verilog source code.
M9K memory blocks support single-port, simple dual-port, and true dual-port
operation modes. Single-port mode and simple dual-port mode are supported for all
port widths with a configuration of ×1, ×2, ×4, ×8, ×9, ×16, ×18, ×32, and ×36. True
dual-port is supported in port widths with a configuration of ×1, ×2, ×4, ×8, ×9, ×16,
and ×18.
f For more information about memory blocks, refer to the Memory Blocks in the Cyclone
III Device Family chapter.
Embedded Multipliers and Digital Signal Processing Support
Cyclone III devices support up to 288 embedded multiplier blocks and Cyclone III LS
devices support up to 396 embedded multiplier blocks. Each block supports one
individual 18 × 18-bit multiplier or two individual 9 × 9-bit multipliers.
The Quartus II software includes megafunctions that are used to control the operation
mode of the embedded multiplier blocks based on user parameter settings.
Multipliers can also be inferred directly from the VHDL or Verilog source code. In
addition to embedded multipliers, Cyclone III device family includes a combination
of on-chip resources and external interfaces, making them ideal for increasing
performance, reducing system cost, and lowering the power consumption of digital
signal processing (DSP) systems. You can use Cyclone III device family alone or as
DSP device co-processors to improve price-to-performance ratios of DSP systems.
The Cyclone III device family DSP system design support includes the following
features:
■
DSP IP cores:
■
Common DSP processing functions such as finite impulse response (FIR), fast
Fourier transform (FFT), and numerically controlled oscillator (NCO) functions
■
Suites of common video and image processing functions
■
Complete reference designs for end-market applications
■
DSP Builder interface tool between the Quartus II software and the MathWorks
Simulink and MATLAB design environments
■
DSP development kits
f For more information about embedded multipliers and digital signal processing
support, refer to the Embedded Multipliers in Cyclone III Devices chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com