Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 42 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 42 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 38Page - Altera Corporation PLL2_C1 Datasheet HTML 39Page - Altera Corporation PLL2_C1 Datasheet HTML 40Page - Altera Corporation PLL2_C1 Datasheet HTML 41Page - Altera Corporation PLL2_C1 Datasheet HTML 42Page - Altera Corporation PLL2_C1 Datasheet HTML 43Page - Altera Corporation PLL2_C1 Datasheet HTML 44Page - Altera Corporation PLL2_C1 Datasheet HTML 45Page - Altera Corporation PLL2_C1 Datasheet HTML 46Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 274 page
background image
3–8
Chapter 3: Memory Blocks in the Cyclone III Device Family
Memory Modes
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
1 Violating the setup or hold time on the M9K memory block input registers may
corrupt memory contents. This applies to both read and write operations.
Single-Port Mode
Single-port mode supports non-simultaneous read and write operations from a single
address. Figure 3–7 shows the single-port memory configuration for Cyclone III
device family M9K memory blocks.
During a write operation, the behavior of the RAM outputs is configurable. If you
activate rden during a write operation, the RAM outputs show either the new data
being written or the old data at that address. If you perform a write operation with
rden
deactivated, the RAM outputs retain the values they held during the most recent
active rden signal.
To choose the desired behavior, set the Read-During-Write option to either New Data
or Old Data in the RAM MegaWizard Plug-In Manager in the Quartus II software. For
more information about read-during-write mode, refer to “Read-During-Write
Operations” on page 3–15.
The port width configurations for M9K blocks in single-port mode are as follow:
■
8192 × 1
■
4096 × 2
■
2048 × 4
■
1024 × 8
■
1024 × 9
■
512 × 16
■
512 × 18
■
256 × 32
■
256 × 36
Figure 3–7. Single-Port Memory (1), (2)
Notes to Figure 3–7:
(1) You can implement two single-port memory blocks in a single M9K block.
(2) For more information, refer to “Packed Mode Support” on page 3–5.
data[]
address[]
wren
byteena[]
addressstall
inclock
inclocken
rden
aclr
outclock
q[]
outclocken



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com