Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 92 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 92 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 88Page - Altera Corporation PLL2_C1 Datasheet HTML 89Page - Altera Corporation PLL2_C1 Datasheet HTML 90Page - Altera Corporation PLL2_C1 Datasheet HTML 91Page - Altera Corporation PLL2_C1 Datasheet HTML 92Page - Altera Corporation PLL2_C1 Datasheet HTML 93Page - Altera Corporation PLL2_C1 Datasheet HTML 94Page - Altera Corporation PLL2_C1 Datasheet HTML 95Page - Altera Corporation PLL2_C1 Datasheet HTML 96Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 274 page
background image
5–32
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
PLL Reconfiguration
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
Table 5–10 lists the PLL counter selection based on the corresponding
PHASECOUNTERSELECT
setting.
To perform one dynamic phase shift step, you must perform the following
procedures:
1. Set PHASEUPDOWN and PHASECOUNTERSELECT as required.
2. Assert PHASESTEP for at least two SCANCLK cycles. Each PHASESTEP pulse allows one
phase shift.
3. Deassert PHASESTEP after PHASEDONE goes low.
4. Wait for PHASEDONE to go high.
5. Repeat steps 1 through 4 as many times as required to perform multiple phase-
shifts.
PHASEUPDOWN
and PHASECOUNTERSELECT signals are synchronous to SCANCLK and must
meet the tsu and th requirements with respect to the SCANCLK edges.
1 You can repeat dynamic phase-shifting indefinitely. For example, in a design where
the VCO frequency is set to 1,000 MHz and the output clock frequency is set to
100 MHz, performing 40 dynamic phase shifts (each one yields 125 ps phase shift)
results in shifting the output clock by 180, in other words, a phase shift of 5 ns.
PHASESTEP
Logic high enables dynamic phase shifting.
Logic array or I/O
pins
PLL
reconfiguration
circuit
SCANCLK
Free running clock from core used in
combination with PHASESTEP to enable or
disable dynamic phase shifting. Shared with
SCANCLK
for dynamic reconfiguration.
GCLK or I/O pins
PLL
reconfiguration
circuit
PHASEDONE
When asserted, it indicates to core logic that
the phase adjustment is complete and PLL is
ready to act on a possible second adjustment
pulse. Asserts based on internal PLL timing.
Deasserts on rising edge of SCANCLK.
PLL reconfiguration
circuit
Logic array or
I/O pins
Table 5–9. Dynamic Phase Shifting Control Signals (Part 2 of 2)
Signal Name
Description
Source
Destination
Table 5–10. Phase Counter Select Mapping
PHASECOUNTERSELECT [2]
[1]
[0]
Selects
0
0
0
All Output Counters
0
0
1
M Counter
0
1
0
C0 Counter
0
1
1
C1 Counter
1
0
0
C2 Counter
1
0
1
C3 Counter
1
1
0
C4 Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com