Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 23 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 23 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 19Page - Altera Corporation PLL2_C1 Datasheet HTML 20Page - Altera Corporation PLL2_C1 Datasheet HTML 21Page - Altera Corporation PLL2_C1 Datasheet HTML 22Page - Altera Corporation PLL2_C1 Datasheet HTML 23Page - Altera Corporation PLL2_C1 Datasheet HTML 24Page - Altera Corporation PLL2_C1 Datasheet HTML 25Page - Altera Corporation PLL2_C1 Datasheet HTML 26Page - Altera Corporation PLL2_C1 Datasheet HTML 27Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 274 page
background image
Chapter 1: Cyclone III Device Family Overview
1–11
Cyclone III Device Family Architecture
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Configuration
Cyclone III device family uses SRAM cells to store configuration data. Configuration
data is downloaded to Cyclone III device family each time the device powers up.
Low-cost configuration options include the Altera EPCS family serial flash devices as
well as commodity parallel flash configuration options. These options provide the
flexibility for general-purpose applications and the ability to meet specific
configuration and wake-up time requirements of the applications. Cyclone III device
family supports the AS, PS, FPP, and JTAG configuration schemes. The AP
configuration scheme is only supported in Cyclone III devices.
f For more information about configuration, refer to the Configuration, Design Security,
and Remote System Upgrades in the Cyclone III Device Family chapter.
Remote System Upgrades
Cyclone III device family offers remote system upgrade without an external
controller. The remote system upgrade capability in Cyclone III device family allows
system upgrades from a remote location. Soft logic (either the Nios II embedded
processor or user logic) implemented in Cyclone III device family can download a
new configuration image from a remote location, store it in configuration memory,
and direct the dedicated remote system upgrade circuitry to start a reconfiguration
cycle. The dedicated circuitry performs error detection during and after the
configuration process, and can recover from an error condition by reverting to a safe
configuration image. The dedicated circuitry also provides error status information.
Cyclone III devices support remote system upgrade in the AS and AP configuration
scheme. Cyclone III LS devices support remote system upgrade in the AS
configuration scheme only.
f For more information, refer to the Configuration, Design Security, and Remote System
Upgrades in the Cyclone III Device Family chapter.
Design Security (Cyclone III LS Devices Only)
Cyclone III LS devices offer design security features which play a vital role in the large
and critical designs in the competitive military and commercial environments.
Equipped with the configuration bit stream encryption and anti-tamper features,
Cyclone III LS devices protect your designs from copying, reverse engineering and
tampering. The configuration security of Cyclone III LS devices uses AES with 256-bit
security key.
f For more information, refer to the Configuration, Design Security, and Remote System
Upgrades in Cyclone III Device Family chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com