Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 35 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 35 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 31Page - Altera Corporation PLL2_C1 Datasheet HTML 32Page - Altera Corporation PLL2_C1 Datasheet HTML 33Page - Altera Corporation PLL2_C1 Datasheet HTML 34Page - Altera Corporation PLL2_C1 Datasheet HTML 35Page - Altera Corporation PLL2_C1 Datasheet HTML 36Page - Altera Corporation PLL2_C1 Datasheet HTML 37Page - Altera Corporation PLL2_C1 Datasheet HTML 38Page - Altera Corporation PLL2_C1 Datasheet HTML 39Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 274 page
background image
CIII51004-2.3
© 2011 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos
are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its
semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and
services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service
described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
Cyclone III Device Handbook
Volume 1
December 2011
Subscribe
ISO
9001:2008
Registered
3. Memory Blocks in the Cyclone III
Device Family
The Cyclone® III device family (Cyclone III and Cyclone III LS devices) features
embedded memory structures to address the on-chip memory needs of Altera®
Cyclone III device family designs. The embedded memory structure consists of
columns of M9K memory blocks that you can configure to provide various memory
functions, such as RAM, shift registers, ROM, and FIFO buffers.
This chapter contains the following sections:
■
“Memory Modes” on page 3–7
■
“Clocking Modes” on page 3–14
■
“Design Considerations” on page 3–15
Overview
M9K blocks support the following features:
■
8,192 memory bits per block (9,216 bits per block including parity)
■
Independent read-enable (rden) and write-enable (wren) signals for each port
■
Packed mode in which the M9K memory block is split into two 4.5 K single-port
RAMs
■
Variable port configurations
■
Single-port and simple dual-port modes support for all port widths
■
True dual-port (one read and one write, two reads, or two writes) operation
■
Byte enables for data input masking during writes
■
Two clock-enable control signals for each port (port A and port B)
■
Initialization file to pre-load memory content in RAM and ROM modes
December 2011
CIII51004-2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com