Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 135 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 135 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 131Page - Altera Corporation PLL2_C1 Datasheet HTML 132Page - Altera Corporation PLL2_C1 Datasheet HTML 133Page - Altera Corporation PLL2_C1 Datasheet HTML 134Page - Altera Corporation PLL2_C1 Datasheet HTML 135Page - Altera Corporation PLL2_C1 Datasheet HTML 136Page - Altera Corporation PLL2_C1 Datasheet HTML 137Page - Altera Corporation PLL2_C1 Datasheet HTML 138Page - Altera Corporation PLL2_C1 Datasheet HTML 139Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 274 page
background image
Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family
7–13
High-Speed I/O Standards Support
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 7–9 shows the LVPECL DC-coupled termination.
Differential SSTL I/O Standard Support in the Cyclone III Device Family
The differential SSTL I/O standard is a memory-bus standard used for applications
such as high-speed DDR SDRAM interfaces. The Cyclone III device family supports
differential SSTL-2 and SSTL-18 I/O standards. The differential SSTL output standard
is only supported at PLL#_CLKOUT pins using two single-ended SSTL output buffers
(PLL#_CLKOUTp and PLL#_CLKOUTn), with the second output programmed to have
opposite polarity. The differential SSTL input standard is supported on the GCLK
pins only, treating differential inputs as two single-ended SSTL and only decoding
one of them.
The differential SSTL I/O standard requires two differential inputs with an external
reference voltage (VREF) as well as an external termination voltage (VTT) of 0.5 × VCCIO
to which termination resistors are connected.
f For more information about the differential SSTL electrical specifications, refer to the
I/O Features in the Cyclone III Device Family chapter and the Cyclone III Device Data Sheet
and Cyclone III LS Device Data Sheet chapters.
Figure 7–10 shows the differential SSTL Class I interface.
Figure 7–9. LVPECL DC-Coupled Termination
Cyclone III Device Family
LVPECL Receiver
100
50
50
LVPECL Transmitter
Figure 7–10. Differential SSTL Class I Interface
Output Buffer
Receiver
VTT
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com