Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 169 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 169 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 165Page - Altera Corporation PLL2_C1 Datasheet HTML 166Page - Altera Corporation PLL2_C1 Datasheet HTML 167Page - Altera Corporation PLL2_C1 Datasheet HTML 168Page - Altera Corporation PLL2_C1 Datasheet HTML 169Page - Altera Corporation PLL2_C1 Datasheet HTML 170Page - Altera Corporation PLL2_C1 Datasheet HTML 171Page - Altera Corporation PLL2_C1 Datasheet HTML 172Page - Altera Corporation PLL2_C1 Datasheet HTML 173Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–11
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
(during the first frame of configuration data), the INIT_DONE pin goes low. When
initialization is complete, the INIT_DONE pin is released and pulled high. This low-to-
high transition signals that the device has entered user mode. In user mode, the user
I/O pins function as assigned in your design and no longer have weak pull-up
resistors.
Configuration Scheme
A configuration scheme with different configuration voltage standards is selected by
driving the MSEL pins either high or low, as listed in Table 9–7.
The MSEL pins are powered by VCCINT. The MSEL[3..0] pins have 9-k internal
pull-down resistors that are always active.
1 Smaller Cyclone III devices or package options (E144, M164, Q240, F256, and U256
packages) do not have the MSEL[3] pin. The AS Fast POR configuration scheme at 3.0-
or 2.5-V configuration voltage standard and the AP configuration scheme are not
supported in Cyclone III devices without the MSEL[3] pin. To configure these devices
with other supported configuration schemes, select the MSEL[2..0] pins according to
the MSEL settings in Table 9–7.
1 Hardwire the MSEL pins to VCCA or GND without any pull-up or pull-down resistors
to avoid any problems detecting an incorrect configuration scheme. Do not drive the
MSEL pins with a microprocessor or another device.
1 The Quartus II software prohibits you from using the LVDS I/O standard in I/O
Bank 1 when the configuration device I/O voltage is not 2.5 V. If you need to assign
LVDS I/O standard in I/O Bank 1, navigate to
Assignments>Device>Settings>Device and Pin Option>Configuration to change the
Configuration Device I/O voltage to 2.5 V or Auto.
Table 9–7. Cyclone III Device Family Configuration Schemes (1) (Part 1 of 2)
Configuration Scheme
MSEL
Configuration Voltage Standard (V)
(2), (3)
32
1
0
Fast Active Serial Standard (AS Standard
POR)
0
0
1
0
3.3
Fast Active Serial Standard (AS Standard
POR)
0
0
1
1
3.0/2.5
Fast Active Serial Fast (AS Fast POR)
1
1
0
1
3.3
Fast Active Serial Fast (AS Fast POR)
0
1
0
0
3.0/2.5
Active Parallel ×16 Standard (AP Standard
POR, for Cyclone III devices only)
0
1
1
1
3.3
Active Parallel ×16 Standard (AP Standard
POR, for Cyclone III devices only)
1
0
1
1
3.0/2.5
Active Parallel ×16 Standard (AP Standard
POR, for Cyclone III devices only)
1
0
0
0
1.8
Active Parallel ×16 Fast (AP Fast POR, for
Cyclone III devices only)
0
1
0
1
3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com