Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 117 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 117 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 113Page - Altera Corporation PLL2_C2 Datasheet HTML 114Page - Altera Corporation PLL2_C2 Datasheet HTML 115Page - Altera Corporation PLL2_C2 Datasheet HTML 116Page - Altera Corporation PLL2_C2 Datasheet HTML 117Page - Altera Corporation PLL2_C2 Datasheet HTML 118Page - Altera Corporation PLL2_C2 Datasheet HTML 119Page - Altera Corporation PLL2_C2 Datasheet HTML 120Page - Altera Corporation PLL2_C2 Datasheet HTML 121Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 274 page
background image
Chapter 6: I/O Features in the Cyclone III Device Family
6–19
I/O Banks
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Each I/O bank of the Cyclone III device family has its own VCCIO pins. Each I/O bank
can support only one VCCIO setting from among 1.2, 1.5, 1.8, 3.0, or 3.3 V. Any number
of supported single-ended or differential standards can be simultaneously supported
in a single I/O bank, as long as they use the same VCCIO levels for input and output
pins.
When designing LVTTL/LVCMOS inputs with Cyclone III and Cyclone III LS
devices, refer to the following guidelines:
■
All pins accept input voltage (VI) up to a maximum limit (3.6 V), as stated in the
recommended operating conditions are provided in the Cyclone III Device Data
Sheet and Cyclone III LS Device Data Sheet chapters.
■
Whenever the input level is higher than the bank VCCIO, expect higher leakage
current.
■
The LVTTL/LVCMOS I/O standard input pins can only meet the VIH and VIL
levels according to bank voltage level.
Voltage-referenced standards are supported in an I/O bank using any number of
single-ended or differential standards, as long as they use the same VREF and VCCIO
values. For example, if you choose to implement both SSTL-2 and SSTL-18 in your
Cyclone III and Cyclone III LS devices, I/O pins using these standards—because they
require different VREF values—must be in different banks from each other. However,
the same I/O bank can support SSTL-2 and 2.5-V LVCMOS with the VCCIO set to
2.5 V and the VREF set to 1.25 V.
1 When using Cyclone III and Cyclone III LS devices as a receiver in 3.3-, 3.0-, or 2.5-V
LVTTL
/LVCMOS systems, you are responsible for managing overshoot or
undershoot to stay in the absolute maximum ratings and the recommended operating
conditions, provided in the Cyclone III Device Data Sheet and Cyclone III LS Device Data
Sheet chapters.
1 The PCI clamping diode is enabled by default in the Quartus II software for input
signals with bank VCCIO at 2.5, 3.0, or 3.3 V.
EP3CLS70
UBGA
278
33
333
333
FBGA
278
33
333
333
FBGA
413
33
333
333
EP3CLS100
UBGA
278
33
333
333
FBGA
278
33
333
333
FBGA
413
33
333
333
EP3CLS150
FBGA
210
33
333
333
FBGA
413
33
333
333
EP3CLS200
FBGA
210
33
333
333
FBGA
413
33
333
333
Table 6–6. Number of VREF Pins Per I/O Banks for Cyclone III and Cyclone III LS Devices
(Part 2 of 2)
Family
Device
Package
Pin Count
I/O Banks
12
345
678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com