Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 118 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 118 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 114Page - Altera Corporation PLL2_C2 Datasheet HTML 115Page - Altera Corporation PLL2_C2 Datasheet HTML 116Page - Altera Corporation PLL2_C2 Datasheet HTML 117Page - Altera Corporation PLL2_C2 Datasheet HTML 118Page - Altera Corporation PLL2_C2 Datasheet HTML 119Page - Altera Corporation PLL2_C2 Datasheet HTML 120Page - Altera Corporation PLL2_C2 Datasheet HTML 121Page - Altera Corporation PLL2_C2 Datasheet HTML 122Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 274 page
background image
6–20
Chapter 6: I/O Features in the Cyclone III Device Family
I/O Banks
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
f For more information about the Cyclone III device family I/O interface with 3.3-, 3.0-,
or 2.5-V LVTTL/LVCMOS systems, refer to AN 447: Interfacing Cyclone III and
Cyclone IV Devices with 3.3/3.0/2.5-V LVTTL/LVCMOS I/O Systems.
High-Speed Differential Interfaces
The Cyclone III device family can send and receive data through LVDS signals. For
the LVDS transmitter and receiver, the input and output pins of the Cyclone III device
family support serialization and deserialization through internal logic.
The BLVDS extends the benefits of LVDS to multipoint applications such as in
bidirectional backplanes. The loading effect and the need to terminate the bus at both
ends for multipoint applications require BLVDS to drive out a higher current than
LVDS
to produce a comparable voltage swing. All the I/O banks of the Cyclone III
device family support BLVDS for user I/O pins.
The reduced swing differential signaling (RSDS) and mini-LVDS standards are
derivatives of the LVDS standard. The RSDS and mini-LVDS I/O standards are
similar in electrical characteristics to LVDS, but have a smaller voltage swing and
therefore provide increased power benefits and reduced electromagnetic interference
(EMI).
The point-to-point differential signaling (PPDS) standard is the next generation of the
RSDS
standard introduced by National Semiconductor Corporation. The Cyclone III
device family meets the National Semiconductor Corporation PPDS Interface
Specification and supports the PPDS standard for outputs only. All the I/O banks of
the Cyclone III device family support the PPDS standard for output pins only.
You can use I/O pins and internal logic to implement the LVDS I/O receiver and
transmitter in the Cyclone III device family. Cyclone III and Cyclone III LS devices do
not contain dedicated serialization or deserialization circuitry. Therefore, shift
registers, internal PLLs, and IOEs are used to perform serial-to-parallel conversions
on incoming data and parallel-to-serial conversion on outgoing data.
The LVDS standard does not require an input reference voltage, but it does require a
100- termination resistor between the two signals at the input buffer. An external
resistor network is required on the transmitter side for top and bottom I/O banks.
f For more information about the Cyclone III device family high-speed differential
interface support, refer to the High-Speed Differential Interfaces in the Cyclone III Device
Family chapter.
External Memory Interfacing
The Cyclone III device family supports I/O standards required to interface with a
broad range of external memory interfaces, such as DDR SDRAM, DDR2 SDRAM,
and QDRII SRAM.
f For more information about the Cyclone III device family external memory interface
support, refer to the External Memory Interfaces in the Cyclone III Device Family chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com