Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 145 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 145 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 141Page - Altera Corporation PLL2_C2 Datasheet HTML 142Page - Altera Corporation PLL2_C2 Datasheet HTML 143Page - Altera Corporation PLL2_C2 Datasheet HTML 144Page - Altera Corporation PLL2_C2 Datasheet HTML 145Page - Altera Corporation PLL2_C2 Datasheet HTML 146Page - Altera Corporation PLL2_C2 Datasheet HTML 147Page - Altera Corporation PLL2_C2 Datasheet HTML 148Page - Altera Corporation PLL2_C2 Datasheet HTML 149Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 274 page
background image
Chapter 8: External Memory Interfaces in the Cyclone III Device Family
8–3
Cyclone III Device Family Memory Interfaces Pin Support
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
1 Cyclone III device family does not support differential strobe pins, which is an
optional feature in the DDR2 SDRAM device.
f When you use the Altera Memory Controller MegaCore®, the PHY is instantiated for
you. For more information about the memory interface data path, refer to the External
Memory Interfaces page.
1 ALTMEMPHY is a self-calibrating megafunction, enhanced to simplify the
implementation of the read-data path in different memory interfaces. The
auto-calibration feature of ALTMEMPHY provides ease-of-use by optimizing clock
phases and frequencies across process, voltage, and temperature (PVT) variations.
You can save on the global clock resources in Cyclone III device family through the
ALTMEMPHY megafunction because you are not required to route the DQS signals on
the global clock buses (because DQS is ignored for read capture). Resynchronization
issues do not arise because no transfer occurs from the memory domain clock (DQS) to
the system domain for capturing data DQ.
All I/O banks in Cyclone III device family can support DQ and DQS signals with DQ-bus
modes of ×8, ×9, ×16, ×18, ×32, and ×36. DDR2 and DDR SDRAM interfaces use ×8
mode DQS group regardless of the interface width. For wider interface, you can use
multiple ×8 DQ groups to achieve the desired width requirement.
In the ×9, ×18, and ×36 modes, a pair of complementary DQS pins (CQ and CQ#)
drives up to 9, 18, or 36 DQ pins, respectively, in the group, to support one, two, or four
parity bits and the corresponding data bits. The ×9, ×18, and ×36 modes support the
QDR II memory interface. CQ# is the inverted read-clock signal which is connected to
the complementary data strobe (DQS or CQ#) pin. You can use any unused DQ pins as
regular user I/O pins if they are not used as memory interface signals.
Table 8–1 lists the number of DQS or DQ groups supported on each side of the
Cyclone III device only.
Table 8–1. Cyclone III Device DQS and DQ Bus Mode Support for Each Side of the Device (Part 1 of 4)
Device
Package
Side
Number
×8
Groups
Number
×9
Groups
Number
×16
Groups
Number
×18
Groups
Number
×32
Groups
Number
×36
Groups
EP3C5
144-pin EQFP (1)
Left
0000
—
—
Right
0000
—
—
Top (2)
1000
—
—
Bottom (3), (4)
1000
—
—
164-pin MBGA (1)
Left
0000
—
—
Right
0000
—
—
Top (2)
1000
—
—
Bottom (3), (4)
1000
—
—
256-pin FineLine
BGA/256-pin
Ultra FineLine
BGA (1)
Left (4), (5)
1100
—
—
Right (4), (6)
1100
—
—
Top
2211
—
—
Bottom
2211
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com