Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 148 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 148 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 144Page - Altera Corporation PLL2_C2 Datasheet HTML 145Page - Altera Corporation PLL2_C2 Datasheet HTML 146Page - Altera Corporation PLL2_C2 Datasheet HTML 147Page - Altera Corporation PLL2_C2 Datasheet HTML 148Page - Altera Corporation PLL2_C2 Datasheet HTML 149Page - Altera Corporation PLL2_C2 Datasheet HTML 150Page - Altera Corporation PLL2_C2 Datasheet HTML 151Page - Altera Corporation PLL2_C2 Datasheet HTML 152Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 274 page
background image
8–6
Chapter 8: External Memory Interfaces in the Cyclone III Device Family
Cyclone III Device Family Memory Interfaces Pin Support
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
EP3C55
484-pin FineLine
BGA/484-pin Ultra
FineLine BGA
Left
42221
1
Right
42221
1
Top
42221
1
Bottom
42221
1
780-pin FineLine BGA
Left
42221
1
Right
42221
1
Top
62221
1
Bottom
62221
1
EP3C80
484-pin FineLine
BGA/484-pin
Ultra FineLine
BGA
Left
42221
1
Right
42221
1
Top
42221
1
Bottom
42221
1
780-pin FineLine BGA
Left
42221
1
Right
42221
1
Top
62221
1
Bottom
62221
1
EP3C120
484-pin FineLine BGA
Left
42221
1
Right
42221
1
Top
42221
1
Bottom
42221
1
780-pin FineLine BGA
Left
42221
1
Right
42221
1
Top
62221
1
Bottom
62221
1
Notes to Table 8–1:
(1) This device package does not support ×32 or ×36 mode.
(2) For the top side of the device, RUP, RDN, PLLCLKOUT3n, and PLLCLKOUT3p pins are shared with the DQ or DM pins to gain ×8 DQ group. You
cannot use these groups if you are using the RUP and RDN pins for on-chip termination (OCT) calibration or if you are using PLLCLKOUT3n
and PLLCLKOUT3p.
(3) There is no DM pin support for these groups.
(4) The RUP and RDN pins are shared with the DQ pins. You cannot use these groups if you are using the RUP and RDN pins for OCT calibration.
(5) The ×8 DQ group can be formed in Bank 2.
(6) The ×8 DQ group can be formed in Bank 5.
(7) There is no DM and BWS# pins support for these groups.
(8) The RUP pin is shared with the DQ pin to gain ×9 or ×18 DQ group. You cannot use these groups if you are using the RUP and RDN pins for
OCT calibration.
Table 8–1. Cyclone III Device DQS and DQ Bus Mode Support for Each Side of the Device (Part 4 of 4)
Device
Package
Side
Number
×8
Groups
Number
×9
Groups
Number
×16
Groups
Number
×18
Groups
Number
×32
Groups
Number
×36
Groups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com