Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 178 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 178 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 174Page - Altera Corporation PLL2_C2 Datasheet HTML 175Page - Altera Corporation PLL2_C2 Datasheet HTML 176Page - Altera Corporation PLL2_C2 Datasheet HTML 177Page - Altera Corporation PLL2_C2 Datasheet HTML 178Page - Altera Corporation PLL2_C2 Datasheet HTML 179Page - Altera Corporation PLL2_C2 Datasheet HTML 180Page - Altera Corporation PLL2_C2 Datasheet HTML 181Page - Altera Corporation PLL2_C2 Datasheet HTML 182Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 274 page
background image
9–20
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
Altera recommends putting a buffer before the DATA and DCLK output from the master
device to avoid signal strength and integrity issues. The buffer must not significantly
change the DATA-to-DCLK relationships or delay them with respect to other AS signals
(ASDI and nCS). Also, the buffer must only drive the slave devices to ensure that the
timing between the master device and the serial configuration device is unaffected.
This configuration method supports both compressed and uncompressed .sofs.
Therefore, if the configuration bitstream size exceeds the capacity of a serial
configuration device, you can enable the compression feature in the .sof or you can
select a larger serial configuration device.
Guidelines for Connecting Serial Configuration Device to Cyclone III Device
Family on AS Interface
For single- and multi-device AS configurations, the board trace length and loading
between the supported serial configuration device and Cyclone III device family must
follow the recommendations listed in Table 9–9.
Estimating AS Configuration Time
AS configuration time is dominated by the time it takes to transfer data from the serial
configuration device to the Cyclone III device family. This serial interface is clocked
by the Cyclone III device family DCLK output (generated from an internal oscillator).
Equation 9–2 and Equation 9–3 show the configuration time estimation for the
Cyclone III device family.
To estimate the typical configuration time, use the typical DCLK period shown in
Figure 9–7 on page 9–22. With a typical DCLK period of 33.33 ns, the typical
configuration time is 116.7 ms. Enabling compression reduces the amount of
configuration data that is sent to the Cyclone III device family, which also reduces
configuration time. On average, compression reduces configuration time by 50%.
Table 9–9. Maximum Trace Length and Loading for the AS Configuration
Cyclone III
Device Family
AS Pins
Maximum Board Trace Length from the
Cyclone III Device Family to the Serial
Configuration Device (Inches)
Maximum Board Load (pF)
DCLK
10
15
DATA[0]
10
30
nCSO
10
30
ASDO
10
30
Equation 9–2.
Equation 9–3.
Size
maximum DCLK period
1 bit
----------------------------------------------------------------


estimated maximum configuration ti
=
3,500,000 bits
50 ns
1 bit
-------------


175 ms
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com