Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 180 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 180 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 176Page - Altera Corporation PLL2_C2 Datasheet HTML 177Page - Altera Corporation PLL2_C2 Datasheet HTML 178Page - Altera Corporation PLL2_C2 Datasheet HTML 179Page - Altera Corporation PLL2_C2 Datasheet HTML 180Page - Altera Corporation PLL2_C2 Datasheet HTML 181Page - Altera Corporation PLL2_C2 Datasheet HTML 182Page - Altera Corporation PLL2_C2 Datasheet HTML 183Page - Altera Corporation PLL2_C2 Datasheet HTML 184Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 274 page
background image
9–22
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
Figure 9–7 shows the download cable connections to the serial configuration device.
You can use the Quartus II software with the APU and the appropriate configuration
device programming adapter to program serial configuration devices. All serial
configuration devices are offered in an 8- or 16-pin small outline integrated circuit
(SOIC) package.
Figure 9–7. In-System Programming of Serial Configuration Devices
Notes to Figure 9–7:
(1) Connect these pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(3) Power up the VCC of the ByteBlaster II or USB-Blaster download cable with the 3.3-V supply.
(4) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect MSEL[3..0], refer to Table 9–7 on page 9–11.
Connect the MSEL pins directly to VCCA or ground.
(5) These are dual-purpose I/O pins. This nCSO pin functions as the FLASH_NCE pin in AP mode. The ASDO pin functions as the DATA[1] pin in other
AP and FPP modes.
(6) The diodes and capacitors must be placed as close as possible to the Cyclone III device family. Ensure that the diodes and capacitors maintain a
maximum AC voltage of 4.1 V. The external diodes and capacitors are required to prevent damage to the Cyclone III device family AS configuration
input pins due to possible overshoot when programming the serial configuration device using a download cable. For effective voltage clamping,
Altera recommends using the Schottky diode, which has a relatively lower forward diode voltage (VF) than the switching and Zener diodes. For
more information about the interface guidelines using Schottky diodes, refer to AN 523: Cyclone III Configuration Interface Guidelines with EPCS
Devices.
(7) When cascading Cyclone III device family in a multi-device AS configuration, connect the repeater buffers between the master and slave devices
for DATA[0] and DCLK. All I/O inputs must maintain a maximum AC voltage of 4.1 V. The output resistance of the repeater buffers must fit the
maximum overshoot equation outlined in “Configuration and JTAG Pin I/O Requirements” on page 9–7.
nSTATUS
nCONFIG
CONF_DONE
nCE
DATA[0] (7)
DCLK (7)
nCSO (5)
ASDO (5)
nCEO
MSEL[3..0]
(4)
Cyclone III Device Family
DATA
DCLK
nCS
ASDI
Serial
Configuration Device
GND
GND
N.C. (2)
VCCIO (1)
VCCIO (1)
VCCIO (1)
3.3 V (3)
GND
Pin 1
ByteBlaster II or USB Blaster
10-Pin Male Header
3.3 V
10 pf
GND
GND
10 pf
(6)
10 pf
GND
10 pf
GND
(6)
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
3.3 V
3.3 V
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com