Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 255 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 255 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 251Page - Altera Corporation PLL2_C2 Datasheet HTML 252Page - Altera Corporation PLL2_C2 Datasheet HTML 253Page - Altera Corporation PLL2_C2 Datasheet HTML 254Page - Altera Corporation PLL2_C2 Datasheet HTML 255Page - Altera Corporation PLL2_C2 Datasheet HTML 256Page - Altera Corporation PLL2_C2 Datasheet HTML 257Page - Altera Corporation PLL2_C2 Datasheet HTML 258Page - Altera Corporation PLL2_C2 Datasheet HTML 259Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 274 page
background image
Chapter 11: SEU Mitigation in the Cyclone III Device Family
11–3
Automated SEU Detection
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
In user mode, Cyclone III device family supports the CHANGE_EDREG JTAG instruction,
which allows you to write to the 32-bit storage register. You can use Jam™ STAPL files
(.jam) to automate the testing and verification process. This instruction can only be
executed when the device is in user mode, and it is a powerful design feature that
enables you to dynamically verify the CRC functionality in-system without having to
reconfigure the device. You can then switch to use the CRC circuit to check for real
errors induced by an SEU.
Table 11–1 lists the CHANGE_EDREG JTAG instructions.
1 After the test completes, to clear the CRC error and restore the original CRC value,
power cycle the device or perform the following procedure:
1. After the configuration completes, use JTAG instruction CHANGE_EDREG to shift out
the correct precomputed CRC value and load the wrong CRC value to the CRC
storage register. The CRC_ERROR pin will be asserted and shows that a CRC error is
detected.
2. Use JTAG instruction CHANGE_EDREG to shift in the correct precomputed CRC value.
The CRC_ERROR pin is deasserted and shows that the error detection CRC circuitry
is working.
Automated SEU Detection
Cyclone III device family offers on-chip circuitry for automated checking of SEU
detection. Applications that require the device to operate error-free at high elevations
or in close proximity to earth’s North or South Pole require periodic checks to ensure
continued data integrity. The error detection cyclic redundancy code feature
controlled by the Device and Pin Options dialog box in the Quartus II software uses a
32-bit CRC circuit to ensure data reliability and is one of the best options for
mitigating SEU.
You can implement the error detection CRC feature with existing circuitry in
Cyclone III device family, eliminating the need for external logic. The CRC is
computed by the device during configuration and checked against an automatically
computed CRC during normal operation. The CRC_ERROR pin reports a soft error when
configuration CRAM data is corrupted, and you must decide whether to reconfigure
the FPGA by strobing the nCONFIG pin low or ignore the error.
CRC_ERROR Pin
A specific error detection pin, CRC_ERROR, is required to monitor the results of the error
detection circuitry during user mode.
Table 11–1. CHANGE_EDREG JTAG Instruction
JTAG Instruction
Instruction Code
Description
CHANGE_EDREG
00 0001 0101
This instruction connects the 32-bit CRC storage register between TDI and TDO.
Any precomputed CRC is loaded into the CRC storage register to test the operation
of the error detection CRC circuitry at the CRC_ERROR pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com