Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 256 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 256 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 252Page - Altera Corporation PLL2_C2 Datasheet HTML 253Page - Altera Corporation PLL2_C2 Datasheet HTML 254Page - Altera Corporation PLL2_C2 Datasheet HTML 255Page - Altera Corporation PLL2_C2 Datasheet HTML 256Page - Altera Corporation PLL2_C2 Datasheet HTML 257Page - Altera Corporation PLL2_C2 Datasheet HTML 258Page - Altera Corporation PLL2_C2 Datasheet HTML 259Page - Altera Corporation PLL2_C2 Datasheet HTML 260Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 274 page
background image
11–4
Chapter 11: SEU Mitigation in the Cyclone III Device Family
Error Detection Block
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
Table 11–2 lists the CRC_ERROR pin.
f For more information about the CRC_ERROR pin information for Cyclone III device
family, refer to the Cyclone III Pin-Out Files for Altera Devices page on the Altera®
website.
1 WYSIWYG is an optimization technique that performs optimization on VQM (Verilog
Quartus Mapping) netlist in the Quartus II software.
Error Detection Block
Table 11–3 lists the types of CRC detection to check the configuration bits.
This section focuses on the first type—the 32-bit CRC when the device is in user
mode.
Error Detection Registers
There are two sets of 32-bit registers in the error detection circuitry that store the
computed CRC signature and pre-calculated CRC value. A non-zero value on the
signature register causes the CRC_ERROR pin to set high.
Table 11–2. CRC_ERROR Pin Description
Device
CRC_ERROR
Pin Type
Description
Cyclone III
Dedicated
Output or
Open Drain
Output
(Optional)
By default, the Quartus II software sets the CRC_ERROR pin as a dedicated output. If the
CRC_ERROR
pin is used as a dedicated output, you must ensure that the VCCIO of the bank in
which the pin resides meets the input voltage specification of the system receiving the signal.
Optionally, you can set this pin to be an open-drain output by enabling the option in the
Quartus II software from the Error Detection CRC tab of the Device and Pin Options dialog
box. Using the pin as an open-drain provides an advantage on the voltage leveling. To use this
pin as open-drain, you can tie this pin to VCCIO of Bank 1 through a 10-k pull-resistor.
Alternatively, depending on the voltage input specification of the system receiving the signal,
you can tie the pull-up resistor to a different pull-up voltage.
Cyclone III LS
Open Drain
Output
To use the CRC_ERROR pin, you can either tie this pin to VCCIO through a 10-kpull-up
resistor, or depending on input voltage specification of the system receiving the signal, you
can tie this pin to a different pull-up voltage.
Table 11–3. Types of CRC Detection to Check the Configuration Bits
First Type of CRC Detection
Second Type of CRC Detection
■ CRAM error checking ability (32-bit CRC)
during user mode, for use by the
CRC_ERROR
pin.
■ There is only one 32-bit CRC value, and
this value covers all the CRAM data.
■ 16-bit CRC embedded in every configuration data frame.
■ During configuration, after a frame of data is loaded into the device, the
pre-computed CRC is shifted into the CRC circuitry.
■ Simultaneously, the CRC value for the data frame shifted-in is calculated.
If the pre-computed CRC and calculated CRC values do not match,
nSTATUS
is set low.
■ Every data frame has a 16-bit CRC. Therefore, there are many 16-bit CRC
values for the whole configuration bit stream.
■ Every device has a different length of configuration data frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com