Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 246 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 246 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 242Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 243Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 244Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 245Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 246Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 247Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 248Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 249Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 250Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 408 page
background image
Serial Communications Interface (SCI)
Technical Data
MC68HC908GR8 — Rev 4.0
246
Serial Communications Interface (SCI)
MOTOROLA
tolerance is much more than the degree of misalignment that is likely to
occur.
As the receiver samples an incoming character, it resynchronizes the RT
clock on any valid falling edge within the character. Resynchronization
within characters corrects misalignments between transmitter bit times
and receiver bit times.
18.5.3.6 Slow Data Tolerance
Figure 18-7 shows how much a slow received character can be
misaligned without causing a noise error or a framing error. The slow
stop bit begins at RT8 instead of RT1 but arrives in time for the stop bit
data samples at RT8, RT9, and RT10.
Figure 18-7. Slow Data
For an 8-bit character, data sampling of the stop bit takes the receiver
9bit times
× 16 RT cycles + 10 RT cycles = 154 RT cycles.
With the misaligned character shown in Figure 18-7, the receiver counts
154 RT cycles at the point when the count of the transmitting device is
9bit times
× 16 RT cycles + 3 RT cycles = 147 RT cycles.
The maximum percent difference between the receiver count and the
transmitter count of a slow 8-bit character with no errors is
For a 9-bit character, data sampling of the stop bit takes the receiver
10 bit times
× 16 RT cycles + 10 RT cycles = 170 RT cycles.
MSB
STOP
DATA
SAMPLES
RECEIVER
RT CLOCK
154
147
–
154
--------------------------
100
×
4.54%
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com