Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 247 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 247 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 243Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 244Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 245Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 246Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 247Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 248Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 249Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 250Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 251Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 408 page
background image
Serial Communications Interface (SCI)
Functional Description
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Serial Communications Interface (SCI)
247
With the misaligned character shown in Figure 18-7, the receiver counts
170 RT cycles at the point when the count of the transmitting device is
10 bit times
× 16 RT cycles + 3 RT cycles = 163 RT cycles.
The maximum percent difference between the receiver count and the
transmitter count of a slow 9-bit character with no errors is
18.5.3.7 Fast Data Tolerance
Figure 18-8 shows how much a fast received character can be
misaligned without causing a noise error or a framing error. The fast stop
bit ends at RT10 instead of RT16 but is still there for the stop bit data
samples at RT8, RT9, and RT10.
Figure 18-8. Fast Data
For an 8-bit character, data sampling of the stop bit takes the receiver
9bit times
× 16 RT cycles + 10 RT cycles = 154 RT cycles.
With the misaligned character shown in Figure 18-8, the receiver counts
154 RT cycles at the point when the count of the transmitting device is
10 bit times
× 16 RT cycles = 160 RT cycles.
The maximum percent difference between the receiver count and the
transmitter count of a fast 8-bit character with no errors is
170
163
–
170
--------------------------
100
×
4.12%
=
IDLE OR NEXT CHARACTER
STOP
DATA
SAMPLES
RECEIVER
RT CLOCK
154
160
–
154
--------------------------
100
×
3.90%
·
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com