Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 148 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 148 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 144Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 145Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 146Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 147Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 148Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 149Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 150Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 151Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 152Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 408 page
background image
Central Processing Unit (CPU)
Technical Data
MC68HC908GR8 — Rev 4.0
148
Central Processing Unit (CPU)
MOTOROLA
BCLR n, opr
Clear Bit n in M
Mn
← 0
–– ––– –
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
11
13
15
17
19
1B
1D
1F
dd
dd
dd
dd
dd
dd
dd
dd
4
4
4
4
4
4
4
4
BCS rel
Branch if Carry Bit Set (Same as BLO)
PC
← (PC) + 2 + rel ? (C) = 1
–– ––– – REL
25
rr
3
BEQ rel
Branch if Equal
PC
← (PC) + 2 + rel ? (Z) = 1
–– ––– – REL
27
rr
3
BGE opr
Branch if Greater Than or Equal To
(Signed Operands)
PC
← (PC) + 2 + rel ? (N
⊕ V) = 0
–– ––– – REL
90
rr
3
BGT opr
Branch if Greater Than (Signed
Operands)
PC
← (PC) + 2 + rel ? (Z) | (N
⊕ V) = 0 –– ––– – REL
92
rr
3
BHCC rel
Branch if Half Carry Bit Clear
PC
← (PC) + 2 + rel ? (H) = 0
–– ––– – REL
28
rr
3
BHCS rel
Branch if Half Carry Bit Set
PC
← (PC) + 2 + rel ? (H) = 1
–– ––– – REL
29
rr
3
BHI rel
Branch if Higher
PC
← (PC) + 2 + rel ? (C) | (Z) = 0
–– ––– – REL
22
rr
3
BHS rel
Branch if Higher or Same
(Same as BCC)
PC
← (PC) + 2 + rel ? (C) = 0
–– ––– – REL
24
rr
3
BIH rel
Branch if IRQ Pin High
PC
← (PC) + 2 + rel ? IRQ = 1
–– ––– – REL
2F
rr
3
BIL rel
Branch if IRQ Pin Low
PC
← (PC) + 2 + rel ? IRQ = 0
–– ––– – REL
2E
rr
3
BIT #opr
BIT opr
BIT opr
BIT opr,X
BIT opr,X
BIT ,X
BIT opr,SP
BIT opr,SP
Bit Test
(A) & (M)
0 –– ↕↕ –
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
A5
B5
C5
D5
E5
F5
9EE5
9ED5
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
BLE opr
Branch if Less Than or Equal To
(Signed Operands)
PC
← (PC) + 2 + rel ? (Z) | (N
⊕ V) = 1 –– ––– – REL
93
rr
3
BLO rel
Branch if Lower (Same as BCS)
PC
← (PC) + 2 + rel ? (C) = 1
–– ––– – REL
25
rr
3
BLS rel
Branch if Lower or Same
PC
← (PC) + 2 + rel ? (C) | (Z) = 1
–– ––– – REL
23
rr
3
BLT opr
Branch if Less Than (Signed Operands)
PC
← (PC) + 2 + rel ? (N
⊕ V) =1
–– ––– – REL
91
rr
3
BMC rel
Branch if Interrupt Mask Clear
PC
← (PC) + 2 + rel ? (I) = 0
–– ––– – REL
2C
rr
3
BMI rel
Branch if Minus
PC
← (PC) + 2 + rel ? (N) = 1
–– ––– – REL
2B
rr
3
BMS rel
Branch if Interrupt Mask Set
PC
← (PC) + 2 + rel ? (I) = 1
–– ––– – REL
2D
rr
3
Table 10-1. Instruction Set Summary (Continued)
Source
Form
Operation
Description
Effect on
CCR
VH I N Z C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com