Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 152 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 152 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 148Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 149Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 150Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 151Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 152Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 153Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 154Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 155Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 156Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 408 page
background image
Central Processing Unit (CPU)
Technical Data
MC68HC908GR8 — Rev 4.0
152
Central Processing Unit (CPU)
MOTOROLA
NEG opr
NEGA
NEGX
NEG opr,X
NEG ,X
NEG opr,SP
Negate (Two’s Complement)
M
← –(M) = $00 – (M)
A
← –(A) = $00 – (A)
X
← –(X) = $00 – (X)
M
← –(M) = $00 – (M)
M
← –(M) = $00 – (M)
↕ –– ↕↕ ↕
DIR
INH
INH
IX1
IX
SP1
30
40
50
60
70
9E60
dd
ff
ff
4
1
1
4
3
5
NOP
No Operation
None
–– ––– – INH
9D
1
NSA
Nibble Swap A
A
← (A[3:0]:A[7:4])
–– ––– – INH
62
3
ORA #opr
ORA opr
ORA opr
ORA opr,X
ORA opr,X
ORA ,X
ORA opr,SP
ORA opr,SP
Inclusive OR A and M
A
← (A) | (M)
0 –– ↕↕ –
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
AA
BA
CA
DA
EA
FA
9EEA
9EDA
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
PSHA
Push A onto Stack
Push (A); SP
← (SP) – 1
–– ––– – INH
87
2
PSHH
Push H onto Stack
Push (H); SP
← (SP) – 1
–– ––– – INH
8B
2
PSHX
Push X onto Stack
Push (X); SP
← (SP) – 1
–– ––– – INH
89
2
PULA
Pull A from Stack
SP
← (SP + 1); Pull (A)
–– ––– – INH
86
2
PULH
Pull H from Stack
SP
← (SP + 1); Pull (H)
–– ––– – INH
8A
2
PULX
Pull X from Stack
SP
← (SP + 1); Pull (X)
–– ––– – INH
88
2
ROL opr
ROLA
ROLX
ROL opr,X
ROL ,X
ROL opr,SP
Rotate Left through Carry
↕ –– ↕↕ ↕
DIR
INH
INH
IX1
IX
SP1
39
49
59
69
79
9E69
dd
ff
ff
4
1
1
4
3
5
ROR opr
RORA
RORX
ROR opr,X
ROR ,X
ROR opr,SP
Rotate Right through Carry
↕ –– ↕↕ ↕
DIR
INH
INH
IX1
IX
SP1
36
46
56
66
76
9E66
dd
ff
ff
4
1
1
4
3
5
RSP
Reset Stack Pointer
SP
← $FF
–– ––– – INH
9C
1
RTI
Return from Interrupt
SP
← (SP) + 1; Pull (CCR)
SP
← (SP) + 1; Pull (A)
SP
← (SP) + 1; Pull (X)
SP
← (SP) + 1; Pull (PCH)
SP
← (SP) + 1; Pull (PCL)
↕↕ ↕↕ ↕↕ INH
80
7
RTS
Return from Subroutine
SP
← SP + 1; Pull (PCH)
SP
← SP + 1; Pull (PCL)
–– ––– – INH
81
4
Table 10-1. Instruction Set Summary (Continued)
Source
Form
Operation
Description
Effect on
CCR
VH I N Z C
C
b0
b7
b0
b7
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com