Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 154 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 154 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 150Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 151Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 152Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 153Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 154Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 155Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 156Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 157Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 158Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 408 page
background image
Central Processing Unit (CPU)
Technical Data
MC68HC908GR8 — Rev 4.0
154
Central Processing Unit (CPU)
MOTOROLA
10.9 Opcode Map
See Table 10-2.
TST opr
TSTA
TSTX
TST opr,X
TST ,X
TST opr,SP
Test for Negative or Zero
(A) – $00 or (X) – $00 or (M) – $00
0 –– ↕↕ –
DIR
INH
INH
IX1
IX
SP1
3D
4D
5D
6D
7D
9E6D
dd
ff
ff
3
1
1
3
2
4
TSX
Transfer SP to H:X
H:X
← (SP) + 1
–– ––– – INH
95
2
TXA
Transfer X to A
A
← (X)
–– ––– – INH
9F
1
TXS
Transfer H:X to SP
(SP)
← (H:X) – 1
–– ––– – INH
94
2
A Accumulatorn
Any bit
C Carry/borrow bitopr
Operand (one or two bytes)
CCRCondition code registerPC
Program counter
ddDirect address of operandPCH
Program counter high byte
dd rrDirect address of operand and relative offset of branch instructionPCL
Program counter low byte
DDDirect to direct addressing modeREL
Relative addressing mode
DIRDirect addressing moderel
Relative program counter offset byte
DIX+Direct to indexed with post increment addressing moderr
Relative program counter offset byte
ee ffHigh and low bytes of offset in indexed, 16-bit offset addressingSP1
Stack pointer, 8-bit offset addressing mode
EXTExtended addressing modeSP2
Stack pointer 16-bit offset addressing mode
ff Offset byte in indexed, 8-bit offset addressingSP
Stack pointer
H Half-carry bitU
Undefined
H Index register high byteV
Overflow bit
hh llHigh and low bytes of operand address in extended addressingX
Index register low byte
I Interrupt maskZ
Zero bit
ii Immediate operand byte&
Logical AND
IMDImmediate source to direct destination addressing mode|
Logical OR
IMMImmediate addressing mode
⊕
Logical EXCLUSIVE OR
INHInherent addressing mode( )
Contents of
IXIndexed, no offset addressing mode–( )
Negation (two’s complement)
IX+Indexed, no offset, post increment addressing mode#
Immediate value
IX+DIndexed with post increment to direct addressing mode
«
Sign extend
IX1Indexed, 8-bit offset addressing mode
←
Loaded with
IX1+Indexed, 8-bit offset, post increment addressing mode?
If
IX2Indexed, 16-bit offset addressing mode:
Concatenated with
MMemory location↕
Set or cleared
N Negative bit—
Not affected
Table 10-1. Instruction Set Summary (Continued)
Source
Form
Operation
Description
Effect on
CCR
VH I N Z C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com