Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 165 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 165 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 161Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 162Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 163Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 164Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 165Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 166Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 167Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 168Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 169Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 408 page
background image
Flash Memory
FLASH Block Protection
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Flash Memory
165
11.8.1 FLASH Block Protect Register
The FLASH block protect register (FLBPR) is implemented as a byte
within the FLASH memory, and therefore can only be written during a
programming sequence of the FLASH memory. The value in this register
determines the starting location of the protected range within the FLASH
memory.
BPR[7:0] — FLASH Block Protect Bits
These eight bits represent bits [13:6] of a 16-bit memory address.
Bits [15:14] are logic 1s and bits [5:0] are logic 0s.
The resultant 16-bit address is used for specifying the start address
of the FLASH memory for block protection. The FLASH is protected
from this start address to the end of FLASH memory, at $FFFF. With
this mechanism, the protect start address can be $XX00, $XX40,
$XX80, and $XXC0 (64 bytes page boundaries) within the FLASH
memory.
Figure 11-4. FLASH Block Protect Start Address
Address:
$FF7E
Bit 7
654321
Bit 0
Read:
BPR7
BPR6
BPR5
BPR4
BPR3
BPR2
BPR1
BPR0
Write:
Reset:
UUUUUUUU
U = Unaffected by reset. Initial value from factory is 1.
Write to this register is by a programming sequence to the FLASH memory.
Figure 11-3. FLASH Block Protect Register (FLBPR)
1
FLBPR value
16-bit memory address
0000
00
Start address of FLASH block protect
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com