Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 161 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 161 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 157Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 158Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 159Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 160Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 161Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 162Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 163Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 164Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 165Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 408 page
background image
Flash Memory
FLASH Mass Erase Operation
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Flash Memory
161
11.6 FLASH Mass Erase Operation
Use this step-by-step procedure to erase entire FLASH memory to read
as logic 1:
1. Set both the ERASE bit, and the MASS bit in the FLASH control
register.
2. Read from the FLASH block protect register.
3. Write any data to any FLASH address* within the FLASH memory
address range.
4. Wait for a time, tnvs (min. 10µs)
5. Set the HVEN bit.
6. Wait for a time, tMErase (min. 4ms)
7. Clear the ERASE bit.
8. Wait for a time, tnvhl (min. 100µs)
9. Clear the HVEN bit.
10. After a time, trcv (min. 1µs), the memory can be accessed again in
read mode.
* When in Monitor mode, with security sequence failed Monitor ROM (MON), write to the FLASH
block protect register instead of any FLASH address.
NOTE:
Programming and erasing of FLASH locations cannot be performed by
code being executed from the FLASH memory. While these operations
must be performed in the order shown, other unrelated operations may
occur between the steps.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com