Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 159 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 159 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 155Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 156Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 157Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 158Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 159Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 160Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 161Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 162Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 163Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 408 page
background image
Flash Memory
FLASH Control Register
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Flash Memory
159
11.4 FLASH Control Register
The FLASH control register (FLCR) controls FLASH program and erase
operations.
HVEN — High-Voltage Enable Bit
This read/write bit enables the charge pump to drive high voltages for
program and erase operations in the array. HVEN can only be set if
either PGM = 1 or ERASE = 1 and the proper sequence for program
or erase is followed.
1 = High voltage enabled to array and charge pump on
0 = High voltage disabled to array and charge pump off
MASS — Mass Erase Control Bit
Setting this read/write bit configures the 8K byte FLASH array for
mass erase operation.
1 = MASS erase operation selected
0 = MASS erase operation unselected
ERASE — Erase Control Bit
This read/write bit configures the memory for erase operation.
ERASE is interlocked with the PGM bit such that both bits cannot be
equal to 1 or set to 1 at the same time.
1 = Erase operation selected
0 = Erase operation unselected
Address:
$FE08
Bit 7
654321
Bit 0
Read:
0000
HVEN
MASS
ERASE
PGM
Write:
Reset:
00000000
Figure 11-1. FLASH Control Register (FLCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com