Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 160 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 160 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 156Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 157Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 158Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 159Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 160Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 161Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 162Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 163Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 164Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 408 page
background image
Flash Memory
Technical Data
MC68HC908GR8 — Rev 4.0
160
Flash Memory
MOTOROLA
PGM — Program Control Bit
This read/write bit configures the memory for program operation.
PGM is interlocked with the ERASE bit such that both bits cannot be
equal to 1 or set to 1 at the same time.
1 = Program operation selected
0 = Program operation unselected
11.5 FLASH Page Erase Operation
Use this step-by-step procedure to erase a page (64 bytes) of FLASH
memory to read as logic 1:
1. Set the ERASE bit, and clear the MASS bit in the FLASH control
register.
2. Read the FLASH block protect register.
3. Write any data to any FLASH address within the page address
range desired.
4. Wait for a time, tnvs (min. 10µs)
5. Set the HVEN bit.
6. Wait for a time, tErase (min. 1ms)
7. Clear the ERASE bit.
8. Wait for a time, tnvh (min. 5µs)
9. Clear the HVEN bit.
10. After a time, trcv (typ. 1µs), the memory can be accessed again in
read mode.
NOTE:
While these operations must be performed in the order shown, other
unrelated operations may occur between the steps.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com