Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 194 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 194 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 190Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 191Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 192Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 193Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 194Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 195Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 196Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 197Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 198Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 408 page
background image
Monitor ROM (MON)
Technical Data
MC68HC908GR8 — Rev 4.0
194
Monitor ROM (MON)
MOTOROLA
requirements and conditions, are not in effect. This is to reduce circuit
requirements when performing in-circuit programming.
NOTE:
If the reset vector is blank and monitor mode is entered, the chip will see
an additional reset cycle after the initial POR reset. Once the part has
been programmed, the traditional method of applying a voltage, VTST, to
IRQ must be used to enter monitor mode.
The COP module is disabled in monitor mode based on these
conditions:
•
If monitor mode was entered as a result of the reset vector being
blank (condition set 2 or 3), the COP is always disabled regardless
of the state of IRQ or RST.
•
If monitor mode was entered with VTST on IRQ (condition set 1),
then the COP is disabled as long as VTST is applied to either IRQ
or RST.
The second condition states that as long as VTST is maintained on the
IRQ pin after entering monitor mode, or if VTST is applied to RST after
the initial reset to get into monitor mode (when VTST was applied to IRQ),
then the COP will be disabled. In the latter situation, after VTST is applied
to the RST pin, VTST can be removed from the IRQ pin in the interest of
freeing the IRQ for normal functionality in monitor mode.
Figure 15-2 shows a simplified diagram of the monitor mode entry when
the reset vector is blank and just 1 x VDD voltage is applied to the IRQ
pin. An external oscillator of 9.8304 MHz is required for a baud rate of
9600, as the internal bus frequency is automatically set to the external
frequency divided by four.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com